Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFTN01M-05 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # SFTN01M-05
Description  1W SMD Package DC-DC Unregulated Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SFTN01M-05 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  SFTN01M-05 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SFTN01M-05 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SFTN01M-05 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SFTN01M-05 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPECIFICATION
SAFETY &
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
Conducted
EN55032(CISPR32)
Radiated
ESD
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-6
EN61000-4-8
Radiated Susceptibility
EFT/Burest
Surge
Conducted
Magnetic Field
880Khrs min. MIL-HDBK-217F(25
)
EN55032(CISPR32)
EMC EMISSION
VOLTAGE RANGE
SURGE VOLTAGE (100ms max.)
FILTER
PROTECTION
INTERNAL POWER DISSIPATION
VOLTAGE ACCURACY
RATED POWER
SHORT CIRCUIT
INPUT
OUTPUT
PROTECTION
ENVIRONMENT
WORKING TEMP.
CASE TEMPERATURE
WORKING HUMIDITY
COOLING
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
SOLDERING TEMPERATURE
5Vin models : 9Vdc
12Vin models : 16Vdc
24Vin models : 30Vdc
L: 4.5 ~ 5.5Vdc
M: 10.8 ~ 13.2Vdc
N: 21.6 ~ 26.4Vdc
Internal capacitor
Fuse recommended.
5Vin models: 750mA Slow-Blow Type
12Vin models: 300mA Slow-Blow Type
24Vin models: 150mA Slow-Blow Type
±2.0%
1W
75mVp-p
1.2% for 1% input variation
+100
max.
20% ~ 90% RH non-condensing
Free-air convection
-55 ~ +1
, 10 ~ 95%
25
RH non-condensing
0.03% /
(0 ~ 85
)
℃℃
1.5mm from case of 1 ~ 10sec./240
max.
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
I/P-O/P:3KVDC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
80pF
500mW
100KHz
Standard model: 0.5 second max.
Optional models (SC-suffix): Continuous
±8%
Parameter
Standard
Parameter
Standard
Test Level / Note(
6)
Note.
Test Level / Note
MTBF
DIMENSION (L*W*H)
EMC IMMUNITY
OTHERS
CASE MATERIAL
Non-Conductive black plastic (UL 94V-0 rated)
PACKING
1.2g
NOTE
1.All parameters are specified at normal input(L:5Vdc, M:12Vdc, N:24Vdc), rated load, 25 70% RH ambient.
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1 f & 47 f capacitor.
μμ
3.Line regulation is measured from low line to high line at rated load.
4.Load regulation is measured from 10% to 100% rated load.
5.The final equipment must be re-confirm that it still meet EMC directives. For guidance on how to perform these EMC tests, please
refer to “EMI testing of component power supplies.”(as available on http://www.meanwell.com)
6.An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: 470 F/100V.
μ
1W SMD Package DC-DC Unregulated Converter
SFTN01 series
File Name:SFTN01-SPEC 2017-07-14
15.24*10.7*7.1mm (0.6*0.42*0.28 inch)
RIPPLE & NOISE
Note.2
LINE REGULATION Note.3
LOAD REGULATION Note.4
SWITCHING FREQUENCY (Typ.)
Standard model: - 0 ~ +
(Refer to "Derating Curve") ; Optional models (SC-suffix): - 0 ~ +
5
490
4
10
℃℃
ISOLATION CAPACITANCE (Typ.)
EMC
(
5,6)
Note.
N/A
Level 2, 3V/m
Level 3,
8KV air
±
Level 2, 3V
Level 2, 0.5KV Line-Line
Level 1, 0.5KV
Level 1, 1A/m
Class B


Similar Part No. - SFTN01M-05

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SFTN02 MEANWELL-SFTN02 Datasheet
185Kb / 5P
   2W SMD Package DC-DC Unregulated Converter
SFTN02L-05 MEANWELL-SFTN02L-05 Datasheet
185Kb / 5P
   2W SMD Package DC-DC Unregulated Converter
SFTN02L-12 MEANWELL-SFTN02L-12 Datasheet
185Kb / 5P
   2W SMD Package DC-DC Unregulated Converter
SFTN02L-15 MEANWELL-SFTN02L-15 Datasheet
185Kb / 5P
   2W SMD Package DC-DC Unregulated Converter
SFTN02M-05 MEANWELL-SFTN02M-05 Datasheet
185Kb / 5P
   2W SMD Package DC-DC Unregulated Converter
More results

Similar Description - SFTN01M-05

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DETN01 MEANWELL-DETN01 Datasheet
154Kb / 4P
   1W SMD Package DC-DC Unregulated Converter
SBTN01 MEANWELL-SBTN01 Datasheet
154Kb / 4P
   1W SMD Package DC-DC Unregulated Converter
SPU01 MEANWELL-SPU01 Datasheet
105Kb / 4P
   1W SIP Package DC-DC Unregulated Converter
logo
Delta Electronics, Inc.
SA01D DELTA-SA01D Datasheet
202Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100_15 Datasheet
644Kb / 6P
   DC/DC CONVERTER 1W, SMD-Package
MSAU100 MINMAX-MSAU100_15 Datasheet
463Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
MSAU200 MINMAX-MSAU200_15 Datasheet
654Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Delta Electronics, Inc.
SH01S DELTA-SH01S Datasheet
208Kb / 5P
   1W DC/DC CONVERTER, SMD-Package
SA01D DELTA-SA01D_14 Datasheet
335Kb / 7P
   1W DC/DC CONVERTER, SMD-Package
logo
Minmax Technology Co., ...
MSPU01H MINMAX-MSPU01H_15 Datasheet
803Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com