Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSD-60L-12 Datasheet(PDF) 8 Page - Mean Well Enterprises Co., Ltd.

Part # RSD-60L-12
Description  60W Reliable Railway DC-DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RSD-60L-12 Datasheet(HTML) 8 Page - Mean Well Enterprises Co., Ltd.

Back Button RSD-60L-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RSD-60L-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RSD-60L-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RSD-60L-12 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RSD-60L-12 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. RSD-60L-12 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. RSD-60L-12 Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. RSD-60L-12 Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. RSD-60L-12 Datasheet HTML 10Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
File Name:RSD-60-SPEC 2017-08-21
R S D - 6 0 series
AMBIENT TEMPERATURE (℃)
100
10
0
20
40
60
80
-40
20
30
40
50
60
70
(HORIZONTAL)
b.Operate with additional iron plate
the bottom. The size of the suggested iron plate is shown as below. In order for optimal thermal performance, the iron plate must have an even & smooth surface
and RSD-60 series must be firmly mounted at the center of the iron plate.
If it is necessary to fulfil the requirements of EN50155 TX level that operate the unit fully-loaded at 70
, RSD-60 series must be installed onto an iron plate on
Suitable installation methods are shown as below. Since RSD-60 is a semi-potted model, its thermal performances for the following installation methods are similar
and share the same derating curve.
The load vs ambient temperature curve is shown as below.
Unit:mm
M3*4
360
36
0
Suitable installation methods are shown as below. Since RSD-60 is a semi-potted model, its thermal performances for the following installation methods are similar
and share the same derating curve.
iron plate
60W Reliable Railway DC-DC Converter


Similar Part No. - RSD-60L-12

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSD-0505 RECOM-RSD-0505 Datasheet
126Kb / 4P
   1 Watt SMD Single & Dual Output
RSD-0505HP RECOM-RSD-0505HP Datasheet
126Kb / 4P
   1 Watt SMD Single & Dual Output
RSD-0505P RECOM-RSD-0505P Datasheet
126Kb / 4P
   1 Watt SMD Single & Dual Output
RSD-0509 RECOM-RSD-0509 Datasheet
126Kb / 4P
   1 Watt SMD Single & Dual Output
RSD-0509HP RECOM-RSD-0509HP Datasheet
126Kb / 4P
   1 Watt SMD Single & Dual Output
More results

Similar Description - RSD-60L-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSD-30 MEANWELL-RSD-30 Datasheet
961Kb / 10P
   30W Reliable Railway DC-DC Converter
RSDW08 MEANWELL-RSDW08 Datasheet
120Kb / 5P
   8W DIP Package Reliable Railway DC-DC Converter
RSDW20 MEANWELL-RSDW20 Datasheet
141Kb / 6P
   20W 2x1 Package Reliable Railway DC-DC Converter
RSDW10 MEANWELL-RSDW10 Datasheet
115Kb / 5P
   10W DIP Package Reliable Railway DC-DC Converter
logo
List of Unclassifed Man...
HDD60 ETC1-HDD60 Datasheet
191Kb / 4P
   DC-DC CONVERTER 50~60W
logo
Mean Well Enterprises C...
RSD-300 MEANWELL-RSD-300 Datasheet
214Kb / 4P
   300W Railway Single Output DC-DC Converter
RSD-200 MEANWELL-RSD-200 Datasheet
288Kb / 7P
   200W Railway Single Output DC-DC Converter
RSD-100 MEANWELL-RSD-100_12 Datasheet
282Kb / 2P
   100W Railway Single Output DC-DC Converter
RSD-200 MEANWELL-RSD-200_12 Datasheet
305Kb / 2P
   200W Railway Single Output DC-DC Converter
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05_15 Datasheet
419Kb / 7P
   60W, AC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com