Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C274AC34200AA0J Datasheet(PDF) 1 Page - Kemet Corporation

Part # C274AC34200AA0J
Description  Film, Film/Foil Polypropylene, Motor Run, C274, 2 uF, 5%, 470 V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C274AC34200AA0J Datasheet(HTML) 1 Page - Kemet Corporation

  C274AC34200AA0J Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - ceaacb70-ce0e-4d59-be2c-eecd2d5eecda
KEMET Part Number: C274AC34200AA0J
Film, Film/Foil Polypropylene, Motor Run, C274, 2 uF, 5%, 470 V
D
L
Threaded
Mounting Stud
M8 x 10
10±0.5
13.4±0.5
6.3 x 0.8
2
5.5
13.5±0.5
Double Fast-On
Dimensions
D
25mm +1mm
L
58mm +/-2mm
Packaging Specifications
Mounting: Bolt - M8x10
Packaging: Bulk
General Information
Dielectric: Film/Foil Polypropylene
Style: Can
Series: C274
Description: Plastic Case and Cover, Ultra
Sonically Welded Seal
Features: Ultra Sonically Welded Seal,
Safety Class P0, UL_94 V0 Disk
RoHS: Yes
Lead: Fast On (2+2)
Approvals: UL, VDE, UL (Construction
Only), UL_94 V0 Disk
Specifications
Capacitance: 2 uF
Capacitance Tolerance: 5%
Voltage AC: 470 VAC
Temperature Range: -25/+85C
Rated Temperature: 85C
Max dVdt: 20 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C274AC34200AA0J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C274AC34100AA0J KEMET-C274AC34100AA0J Datasheet
55Kb / 1P
   Film, Film/Foil Polypropylene, Motor Run, C274, 1 uF, 5%, 470 V
C274AC34100AA0J KEMET-C274AC34100AA0J Datasheet
412Kb / 10P
   C27, Cylindrical Plastic Case, 275 – 470 VAC
F3062_C27 9/9/2022
C274AC34100AA1J KEMET-C274AC34100AA1J Datasheet
412Kb / 10P
   C27, Cylindrical Plastic Case, 275 – 470 VAC
F3062_C27 9/9/2022
C274AC34100AA2J KEMET-C274AC34100AA2J Datasheet
412Kb / 10P
   C27, Cylindrical Plastic Case, 275 – 470 VAC
F3062_C27 9/9/2022
C274AC34100AA5J KEMET-C274AC34100AA5J Datasheet
412Kb / 10P
   C27, Cylindrical Plastic Case, 275 – 470 VAC
F3062_C27 9/9/2022
More results

Similar Description - C274AC34200AA0J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C274AC34500AA0J KEMET-C274AC34500AA0J Datasheet
55Kb / 1P
   Film, Film/Foil Polypropylene, Motor Run, C274, 5 uF, 5%, 470 V
C274ACF4100LG0J KEMET-C274ACF4100LG0J Datasheet
53Kb / 1P
   Film, Film/Foil Polypropylene, Motor Run, C274, 1 uF, 5%, 470 V
C274AC34400AA0J KEMET-C274AC34400AA0J Datasheet
55Kb / 1P
   Film, Film/Foil Polypropylene, Motor Run, C274, 4 uF, 5%, 470 V
C274AC35200AA0J KEMET-C274AC35200AA0J Datasheet
55Kb / 1P
   Film, Film/Foil Polypropylene, Motor Run, C274, 20 uF, 5%, 470 V
C274AC35100AA0J KEMET-C274AC35100AA0J Datasheet
56Kb / 1P
   Film, Film/Foil Polypropylene, Motor Run, C274, 10 uF, 5%, 470 V
C274AC35250AA0J KEMET-C274AC35250AA0J Datasheet
55Kb / 1P
   Film, Film/Foil Polypropylene, Motor Run, C274, 25 uF, 5%, 470 V
C274AC35150AA0J KEMET-C274AC35150AA0J Datasheet
56Kb / 1P
   Film, Film/Foil Polypropylene, Motor Run, C274, 15 uF, 5%, 470 V
C274AC35300AA0J KEMET-C274AC35300AA0J Datasheet
55Kb / 1P
   Film, Film/Foil Polypropylene, Motor Run, C274, 30 uF, 5%, 470 V
C274AC34100AA0J KEMET-C274AC34100AA0J Datasheet
55Kb / 1P
   Film, Film/Foil Polypropylene, Motor Run, C274, 1 uF, 5%, 470 V
C274AC34300AA0J KEMET-C274AC34300AA0J Datasheet
55Kb / 1P
   Film, Film/Foil Polypropylene, Motor Run, C274, 3 uF, 5%, 470 V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com