Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC55NEM208AFPN Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC55NEM208AFPN
Description  TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55NEM208AFPN Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC55NEM208AFPN Datasheet HTML 1Page - Toshiba Semiconductor TC55NEM208AFPN Datasheet HTML 2Page - Toshiba Semiconductor TC55NEM208AFPN Datasheet HTML 3Page - Toshiba Semiconductor TC55NEM208AFPN Datasheet HTML 4Page - Toshiba Semiconductor TC55NEM208AFPN Datasheet HTML 5Page - Toshiba Semiconductor TC55NEM208AFPN Datasheet HTML 6Page - Toshiba Semiconductor TC55NEM208AFPN Datasheet HTML 7Page - Toshiba Semiconductor TC55NEM208AFPN Datasheet HTML 8Page - Toshiba Semiconductor TC55NEM208AFPN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TC55NEM208AFPN/AFTN55,70
2002-09-18
4/10
AC CHARACTERISTICS AND OPERATING CONDITIONS (Ta
= −40° to 85°C, VDD = 5 V ± 10%)
READ CYCLE
TC55NEM208AFPN/AFTN
55
70
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tRC
Read Cycle Time
55
70
tACC
Address Access Time
55
70
tCO
Chip Enable Access Time
55
70
tOE
Output Enable Access Time
30
35
tCOE
Chip Enable Low to Output Active
5
5
tOEE
Output Enable Low to Output Active
0
0
tOD
Chip Enable High to Output High-Z
25
30
tODO
Output Enable High to Output High-Z
25
30
tOH
Output Data Hold Time
10
10
ns
WRITE CYCLE
TC55NEM208AFPN/AFTN
55
70
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tWC
Write Cycle Time
55
70
tWP
Write Pulse Width
40
50
tCW
Chip Enable to End of Write
45
55
tAS
Address Setup Time
0
0
tWR
Write Recovery Time
0
0
tODW
R/W Low to Output High-Z
25
30
tOEW
R/W High to Output Active
0
0
tDS
Data Setup Time
25
30
tDH
Data Hold Time
0
0
ns
AC TEST CONDITIONS
PARAMETER
TEST CONDITION
Output load
100 pF
+ 1 TTL Gate
Input pulse level
0.4 V, 2.4 V
Timing measurements
1.5 V
Reference level
1.5 V
tR, tF
5 ns


Similar Part No. - TC55NEM208AFPN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55NEM208AFPV TOSHIBA-TC55NEM208AFPV Datasheet
120Kb / 11P
   524,288-WORD BY 8-BIT STATIC RAM
TC55NEM208AFPV55 TOSHIBA-TC55NEM208AFPV55 Datasheet
120Kb / 11P
   524,288-WORD BY 8-BIT STATIC RAM
TC55NEM208AFPV70 TOSHIBA-TC55NEM208AFPV70 Datasheet
120Kb / 11P
   524,288-WORD BY 8-BIT STATIC RAM
More results

Similar Description - TC55NEM208AFPN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58DVG02A1FT00 TOSHIBA-TC58DVG02A1FT00 Datasheet
453Kb / 44P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58512FT TOSHIBA-TC58512FT Datasheet
420Kb / 43P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TH58100FT TOSHIBA-TH58100FT Datasheet
421Kb / 43P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC51WHM616AXBN70 TOSHIBA-TC51WHM616AXBN70 Datasheet
207Kb / 11P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM316AXBN40 TOSHIBA-TC55VEM316AXBN40 Datasheet
209Kb / 14P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VBM316AFTN TOSHIBA-TC55VBM316AFTN Datasheet
216Kb / 15P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG1S3BFT00 TOSHIBA-TC58NVG1S3BFT00 Datasheet
315Kb / 37P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VCM216ASTN40 TOSHIBA-TC55VCM216ASTN40 Datasheet
201Kb / 14P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com