Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB916BOCZ Datasheet(PDF) 4 Page - TT Electronics.

Part # OPB916BOCZ
Description  Photologic Slotted Optical Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB916BOCZ Datasheet(HTML) 4 Page - TT Electronics.

  OPB916BOCZ Datasheet HTML 1Page - TT Electronics. OPB916BOCZ Datasheet HTML 2Page - TT Electronics. OPB916BOCZ Datasheet HTML 3Page - TT Electronics. OPB916BOCZ Datasheet HTML 4Page - TT Electronics. OPB916BOCZ Datasheet HTML 5Page - TT Electronics. OPB916BOCZ Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue B
10/2016
Page 4
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Output Photologic® Sensor
IF(+)
LED Positive-Going Threshold Current
Buffered with 10k pull-up
Inverted with 10k pull-up
-
5
10
mA
VCC = 5 V, No Output Load
Buffered Open-Collector Output
Inverted Open-Collector Output
(1)
-
5
10
mA
VCC = 4.5 V, IOL = 16 mA
IF(+)/IF(-)
Hysteresis
-
1.5
-
-
VCC = 5 V
trtf
Rise Time, Fall Time
-
50
-
ns
VCC = 5 V, IF = 0 or 10 mA,
RL = 300 Ω to 5 V, CL = 50 pF
tPLHtPHL
Propagation Delay
-
3
-
µs
Notes:
(1) Normal application would be with light source blocked, simulated by IF = 0 mA.
(2) All parameters tested using pulse technique.


Similar Part No. - OPB916BOCZ

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB916BOCZ TTELEC-OPB916BOCZ Datasheet
711Kb / 6P
   Slotted Optical Switch
More results

Similar Description - OPB916BOCZ

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB963N11 TTELEC-OPB963N11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
logo
OPTEK Technologies
OPB615 OPTEK-OPB615 Datasheet
411Kb / 4P
   PHOTOLOGIC SLOTTED OPTICAL SWITCH
logo
TT Electronics.
OPB990T55Z TTELEC-OPB990T55Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB960L51 TTELEC-OPB960L51 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB460N11 TTELEC-OPB460N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB943W51Z TTELEC-OPB943W51Z Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB960T11 TTELEC-OPB960T11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB461N11 TTELEC-OPB461N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB980T51Z TTELEC-OPB980T51Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB973T55 TTELEC-OPB973T55 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB470N11 TTELEC-OPB470N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com