Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V048F060T040-CB Datasheet(PDF) 3 Page - Vicor Corporation

Part # V048F060T040-CB
Description  PRM짰 and VTM짰 Customer Evaluation Boards
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F060T040-CB Datasheet(HTML) 3 Page - Vicor Corporation

  V048F060T040-CB Datasheet HTML 1Page - Vicor Corporation V048F060T040-CB Datasheet HTML 2Page - Vicor Corporation V048F060T040-CB Datasheet HTML 3Page - Vicor Corporation V048F060T040-CB Datasheet HTML 4Page - Vicor Corporation V048F060T040-CB Datasheet HTML 5Page - Vicor Corporation V048F060T040-CB Datasheet HTML 6Page - Vicor Corporation V048F060T040-CB Datasheet HTML 7Page - Vicor Corporation V048F060T040-CB Datasheet HTML 8Page - Vicor Corporation V048F060T040-CB Datasheet HTML 9Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UG:003
vicorpower.com
Applications Engineering: 800 927.9474
Page 3
6
Test point for Secondary Control (SC)
7
Output voltage points are designed to accommodate #10 hardware and Panduit ring lugs.
8
Output connector (J01) for mating with VTM-CB providing Vout and VC. As shown on the
schematic (Figure 2) there are four pins dedicated to the + Out, four for the -Out, and two for the
VC. Each contact is rated for 3 A. The excess capacity afforded by these pins can facilitate
testing multiple VTM-CBs from a single PRM-CB using an appropriate wiring harness and mating
connector. This may also be achieved using the large pads of Item 7.
9
Output scope jack (J02). Headers H01 and J01 are 0.100" spacing, 10 position female,
manufactured by Sullins Electronics and available from Digi-Key as part # S5519-ND.
Below is the schematic for this PCB. Double clicking the image will launch Adobe Acrobat to
allow you a better view.
Recommended Hardware
QTY
Description
Manufacturer P/N
4
ring lug
Panduit LCAS6-10-L
Kit # 26647 contains:
4 #10-32 screw
4 #10 flat washer
4 #10 lock washer
4 #10 hex nut
All hardware is stainless steel except the ring lug.
Kit # 26647 is included with the Customer Evaluation Board.
Figure 2
PRM-CB schematic diagram


Similar Part No. - V048F060T040-CB

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F060T040 VICOR-V048F060T040 Datasheet
637Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
V048F060T040 VICOR-V048F060T040 Datasheet
408Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
V048F060T040 VICOR-V048F060T040 Datasheet
473Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048F060T040 VICOR-V048F060T040 Datasheet
1,010Kb / 11P
   VTM Current Multiplier
V048F060T040 VICOR-V048F060T040 Datasheet
570Kb / 2P
   PRM Regulator and VTM Current Multiplier
More results

Similar Description - V048F060T040-CB

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MVTD36BF360M003A00 VICOR-MVTD36BF360M003A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MP028F036M12AL-CB VICOR-MP028F036M12AL-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
V048F080T030-CB VICOR-V048F080T030-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MV036F011M100-CB VICOR-MV036F011M100-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
P045F048T32AL-CB VICOR-P045F048T32AL-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
VTD48EF480T006A00 VICOR-VTD48EF480T006A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MV036F015M080-CB VICOR-MV036F015M080-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
VTD48EF020T080A00 VICOR-VTD48EF020T080A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
VTD48EH015T050A00 VICOR-VTD48EH015T050A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MV036F120M010-CB VICOR-MV036F120M010-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com