Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P045F048T17AL-CB Datasheet(PDF) 1 Page - Vicor Corporation

Part # P045F048T17AL-CB
Description  PRM짰 and VTM짰 Customer Evaluation Boards
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

P045F048T17AL-CB Datasheet(HTML) 1 Page - Vicor Corporation

  P045F048T17AL-CB Datasheet HTML 1Page - Vicor Corporation P045F048T17AL-CB Datasheet HTML 2Page - Vicor Corporation P045F048T17AL-CB Datasheet HTML 3Page - Vicor Corporation P045F048T17AL-CB Datasheet HTML 4Page - Vicor Corporation P045F048T17AL-CB Datasheet HTML 5Page - Vicor Corporation P045F048T17AL-CB Datasheet HTML 6Page - Vicor Corporation P045F048T17AL-CB Datasheet HTML 7Page - Vicor Corporation P045F048T17AL-CB Datasheet HTML 8Page - Vicor Corporation P045F048T17AL-CB Datasheet HTML 9Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UG:003
vicorpower.com
Applications Engineering: 800 927.9474
Page 1
The Customer Evaluation Boards described in this document are intended to acquaint you with the
benefits and features of a Factorized Power Architecture (FPA
TM ). They are not designed to be installed
in end-use equipment.
Please read this document before setting up a Customer Evaluation
Board.
During operation, the power devices and surrounding structures can be operated safely at high temperatures.
• Remove power and use caution when connecting and disconnecting test probes and interface
lines to avoid inadvertent short circuits and contact with hot surfaces.
• When testing electronic products always use approved safety glasses. Follow good laboratory
practice and procedures.
Introduction
A Factorized Power Architecture offers a fundamentally new and improved approach to distributed
power. Factorizing DC-DC power conversion into its basic functions – isolation and transformation on the
one hand and output voltage control and regulation on the other – and arranging those functions in a
sequence maximizes power system performance and cost effectiveness. VTM modules put isolated current
multiplication and voltage division directly at the Point of Load (POL), and an upstream PRM
non-isolated regulator controls the Factorized Bus voltage supplied to the VTM to provide line and load
regulation. With this architecture, the Factorized Bus voltage can be relatively high; distribution losses can
be minimized with narrower copper traces; and the PRM may be located at any convenient location, either
adjacent to or remote from the VTM. PRMs operate from a wide variety of input sources to drive VTMs.
VTMs are extremely fast and quiet and provide voltage division ratios as high as 32. VTMs enable the user
to efficiently supply up to 100 A from each full VI Chip package at regulated output voltages as low as 0.8
Vdc or higher, as needed.
With FPA, only a VTM is needed at the POL. VTMs, unimpeded by serial inductance, feature very high
bandwidth and extremely fast transient response, allowing energy to be stored efficiently at the relatively
high Factorized Bus voltage. Without bulk capacitors at the POL, precious board real estate may be
reclaimed for essential functions. The density, efficiency, performance, cost-effectiveness, and architectural
superiority of FPA make it the least intrusive form of distributed power and facilitate the development of
more advanced, competitive products.
The PRM may be used as a standalone non-isolated regulation stage, whereas the VTM is intended to be
used with a PRM. For customers to evaluate these components, special Customer Boards are available. To
obtain one of these boards, simply append the chosen PRM or VTM part number with "-CB".
PRM® and VTM® Customer Evaluation Boards
Contents
Page
Introduction
1
Board Overview
2
Recommended
3
Hardware
Initial Set Up
4
Baseline Test
4
Procedure
VTM-CB
7
The DC-DC
8
Converter Chip Set
Ordering
9
Information
USER GUIDE | UG:003


Similar Part No. - P045F048T17AL-CB

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
P045F048T17AL VICOR-P045F048T17AL Datasheet
1Mb / 14P
   PRM Regulator
P045F048T17AL VICOR-P045F048T17AL Datasheet
570Kb / 2P
   PRM Regulator and VTM Current Multiplier
More results

Similar Description - P045F048T17AL-CB

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MVTD36BF360M003A00 VICOR-MVTD36BF360M003A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MP028F036M12AL-CB VICOR-MP028F036M12AL-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
V048F080T030-CB VICOR-V048F080T030-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MV036F011M100-CB VICOR-MV036F011M100-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
P045F048T32AL-CB VICOR-P045F048T32AL-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
VTD48EF480T006A00 VICOR-VTD48EF480T006A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MV036F015M080-CB VICOR-MV036F015M080-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
V048F060T040-CB VICOR-V048F060T040-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
VTD48EF020T080A00 VICOR-VTD48EF020T080A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
VTD48EH015T050A00 VICOR-VTD48EH015T050A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MV036F120M010-CB VICOR-MV036F120M010-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com