Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B048F060T24-EB Datasheet(PDF) 4 Page - Vicor Corporation

Part # B048F060T24-EB
Description  BCM짰 Bus Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

B048F060T24-EB Datasheet(HTML) 4 Page - Vicor Corporation

  B048F060T24-EB Datasheet HTML 1Page - Vicor Corporation B048F060T24-EB Datasheet HTML 2Page - Vicor Corporation B048F060T24-EB Datasheet HTML 3Page - Vicor Corporation B048F060T24-EB Datasheet HTML 4Page - Vicor Corporation B048F060T24-EB Datasheet HTML 5Page - Vicor Corporation B048F060T24-EB Datasheet HTML 6Page - Vicor Corporation B048F060T24-EB Datasheet HTML 7Page - Vicor Corporation B048F060T24-EB Datasheet HTML 8Page - Vicor Corporation B048F060T24-EB Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
BCM® Bus Converter
Rev 3.3
vicorpower.com
Page 4 of 12
06/2014
800 927.9474
Figure 8 — Output voltage ripple at full load and 48 VIN
with 10 µF ceramic external bypass capacitor and 20 nH
of distribution inductance.
Figure 7 — Output voltage ripple at full load and 48 VIN
without any external bypass capacitor.
Ripple vs. Output Power
0
20
40
60
80
100
120
140
160
180
024
48
72
96
120
144
168
192
216
240
Output Power (W)
Figure 9 — Output voltage ripple vs. output power at 48 VIN
without any external bypass capacitor.
Figure 10 — 0– 40 A load step with 100 µF input capacitor
and no output capacitor.
Figure 11 — 40 – 0 A load step with 100 µF input capacitor
and no output capacitor.
Specifications (continued)
Output Waveforms
End of Life
-ReplacedbyBCM48Bx060y240A00
B048F060T24


Similar Part No. - B048F060T24-EB

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048F060T24 VICOR-B048F060T24 Datasheet
566Kb / 15P
   VI Chip - BCM Mus Converter Module
B048F060T24 VICOR-B048F060T24 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F060T24 VICOR-B048F060T24 Datasheet
452Kb / 2P
   BCM Bus Converter
B048F060T24 VICOR-B048F060T24 Datasheet
572Kb / 2P
   Bus Converter Family
B048F060T24A VICOR-B048F060T24A Datasheet
1Mb / 18P
   Unregulated DC-DC Converter
More results

Similar Description - B048F060T24-EB

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCD380P475T1K2A30 VICOR-BCD380P475T1K2A30 Datasheet
3Mb / 25P
   BCM짰 Bus Converter
BCD384F120T300A00 VICOR-BCD384F120T300A00 Datasheet
767Kb / 21P
   BCM짰 Bus Converter
BCM6123E60E15A3T00 VICOR-BCM6123E60E15A3T00 Datasheet
996Kb / 28P
   BCM짰 Bus Converter
BCM6123E60E10A5T00 VICOR-BCM6123E60E10A5T00 Datasheet
1,000Kb / 29P
   BCM짰 Bus Converter
BCD380P475C1K2A30 VICOR-BCD380P475C1K2A30 Datasheet
574Kb / 14P
   Analog HV and LV 6123 ChiP BCM짰 Bus Converter Evaluation Board User Guide
logo
Murata Power Solutions ...
EUS25-096 MURATA-PS-EUS25-096 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS30-080 MURATA-PS-EUS30-080 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS20-120 MURATA-PS-EUS20-120 Datasheet
685Kb / 7P
   Bus Converter
logo
Vicor Corporation
BCM48BF120T300A00 VICOR-BCM48BF120T300A00 Datasheet
1Mb / 18P
   Bus Converter
B048F480T30 VICOR-B048F480T30_11 Datasheet
1Mb / 12P
   Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com