Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4P-EA03010A001300 Datasheet(PDF) 3 Page - SICK AG

Part # C4P-EA03010A001300
Description  SAFETY LIGHT CURTAINS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

C4P-EA03010A001300 Datasheet(HTML) 3 Page - SICK AG

  C4P-EA03010A001300 Datasheet HTML 1Page - SICK AG C4P-EA03010A001300 Datasheet HTML 2Page - SICK AG C4P-EA03010A001300 Datasheet HTML 3Page - SICK AG C4P-EA03010A001300 Datasheet HTML 4Page - SICK AG C4P-EA03010A001300 Datasheet HTML 5Page - SICK AG C4P-EA03010A001300 Datasheet HTML 6Page - SICK AG C4P-EA03010A001300 Datasheet HTML 7Page - SICK AG C4P-EA03010A001300 Datasheet HTML 8Page - SICK AG C4P-EA03010A001300 Datasheet HTML 9Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
C4P-SA03010A001300, C4P-EA03010A001300 | deTec4 Prime
SAFETY LIGHT CURTAINS
Functions
Functions
Delivery status
Restart interlock
Deactivated
External device monitoring (EDM)
Deactivated
Beam coding
Uncoded
Automatic calibration of the protective field
width
Interfaces
System connection
Connection type Male connector M12, 8-pin
Sender/receiver communication (COM1) ✔ 1)
Reset pushbutton input (RES) ✔ 2)
External device monitoring input (EDM) ✔ 2)
Application diagnostic output (ADO) ✔ 2)
Permitted cable length Receiver power supply: 15 m 3)
All additional conductors at the system connection: 37.5 m
Extension connection
Connection type Female connector M12, 5-pin
Reset pushbutton input (RES) ✔ 4)
External device monitoring input (EDM) ✔ 4)
Application diagnostic output (ADO) ✔ 4)
Permitted cable length ≤ 10 m
Configuration method
Cascade Automatic detection when starting the device
External device monitoring (EDM) Automatic detection when starting the device
Calibration of the protective field width Automatic detection when starting the device
Restart interlock Teach-in procedure when starting the device
Beam coding DIP switch
Reset to factory default DIP switch
Status display
LEDs
Fieldbus, industrial network
Integration via Flexi Soft safety controller CANopen, DeviceNet™, EtherCAT®, EtherNet/IP™, Modbus TCP, PROFIBUS DP, PROFINET 5)
1) Optional: To indicate the status on both sides, the COM1 connections from the sender and receiver must be connected to each other in the control cabinet.
2) Only on the receiver.
3) If no inductive OSSD loads (e.g., contactors) are in use, the power supply cable for the receiver of a single device (no cascade) can be up to 30 m in length.
4) Single device or last guest (receiver only).
5) For additional information on Flexi Soft -> www.sick.com/Flexi_Soft.
Electrical data
Protection class
III (EN 50178) 1)
1) SELV/PELV safety/protective extra-low voltage.
2) Within the limits of VS.
3) Applies to the voltage range between –30 V and +30 V.
2017-08-21 16:38:06 | Online data sheet
Subject to change without notice
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
3


Similar Part No. - C4P-EA03010A001300

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-EA03010A001000 SICK-C4P-EA03010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-EA03010A001100 SICK-C4P-EA03010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-EA03010A001200 SICK-C4P-EA03010A001200 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
More results

Similar Description - C4P-EA03010A001300

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com