Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STC62WV256PC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # STC62WV256PC
Description  VERY LOW POWER/VOLTAGE CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STC62WV256PC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  STC62WV256PC Datasheet HTML 1Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 2Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 3Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 4Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 5Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 6Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 7Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 8Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Revision 2.3
Jan.
2004
4
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
CYCLE TIME : 70ns
MIN.
TYP.
MAX.
UNIT
t
AVAX
t
RC
Read Cycle Time
70
--
--
ns
t
AVQV
t
AA
Address Access Time
--
--
70
ns
t
ELQV
t
ACS
Chip Select Access Time
--
--
70
ns
t
GLQV
t
OE
Output Enable to Output Valid
--
--
50
ns
t
ELQX
t
CLZ
Chip Select to Output Low Z
10
--
--
ns
t
GLQX
t
OLZ
Output Enable to Output in Low Z
10
--
--
ns
t
EHQZ
t
CHZ
Chip Deselect to Output in High Z
--
--
35
ns
t
GHQZ
t
OHZ
Output Disable to Output in High Z
--
--
30
ns
t
AXOX
t
OH
Data Hold from Address Change
10
--
--
ns
Input Pulse Levels
Input Rise and Fall Times
Input and Output
Timing Reference Level
Vcc/0V
1V/ns
0.5Vcc
AC ELECTRICAL CHARACTERISTICS ( TA =0oC to + 70oC and Vcc=3.0V)
READ CYCLE
AC TEST CONDITIONS
AC TEST LOADS AND WAVEFORMS
KEY TO SWITCHING WAVEFORMS
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
MAY CHANGE
FROM H TO L
DON T CARE:
ANY CHANGE
PERMITTED
DOES NOT
APPLY
MUST BE
STEADY
WILL BE
CHANGE
FROM H TO L
CHANGE :
STATE
UNKNOWN
CENTER
LINE IS HIGH
IMPEDANCE
”OFF ”STATE
MAY CHANGE
FROM L TO H
WILL BE
CHANGE
FROM L TO H
,
STC
STC62WV256
R0201-
STC62WV256
667
THEVENIN EQUIVALENT
ALL INPUT PULSES
10%
90%
Vcc
GND
← 5ns
90%
10%
1.73V
OUTPUT
FIGURE 2
3.3V
OUTPUT
INCLUDING
JIG AND
SCOPE
1269
1404
5PF
FIGURE 1B
3.3V
INCLUDING
JIG AND
SCOPE
1269
100PF
FIGURE 1A
1404
OUTPUT


Similar Part No. - STC62WV256PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC62WV25616 ETC1-STC62WV25616 Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
STC62WV25616AC ETC1-STC62WV25616AC Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
STC62WV25616AI ETC1-STC62WV25616AI Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
STC62WV25616DC ETC1-STC62WV25616DC Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
STC62WV25616DI ETC1-STC62WV25616DI Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
More results

Similar Description - STC62WV256PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS62LV8007 ETC-BS62LV8007 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM
STC62WV1024 ETC-STC62WV1024 Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1012 BSI-BS616LV1012 Datasheet
260Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
List of Unclassifed Man...
STC62WV5128 ETC-STC62WV5128 Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM
STC62WV51216 ETC-STC62WV51216 Datasheet
280Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS628512 WINGS-WS628512 Datasheet
392Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV1027 BSI-BS62LV1027 Datasheet
427Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS62256 WINGS-WS62256 Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
logo
Brilliance Semiconducto...
BS62LV1029 BSI-BS62LV1029 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com