Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASL29W Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # ASL29W
Description  High Linearity LNA MMIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL29W Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  ASL29W Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASL29W
5 ~ 3000 MHz High Linearity LNA MMIC
1) OIP3 is measured with two tones at an output power of +10 dBm/tone sep-
arated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
698 ~ 787
Magnitude S21 (dB)
20
Magnitude S11 (dB)
-18
Magnitude S22 (dB)
-13
Output P1dB (dBm)
22.5
Output IP31) (dBm)
36.5
Noise Figure (dB)
0.75
Device Voltage (V)
+4.3
Current (mA)
75
LTE
698 ~ 787 MHz
+5 V
400
500
600
700
800
900
1000
0
5
10
15
20
25
Frequency [MHz]
400
500
600
700
800
900
1000
-30
-25
-20
-15
-10
-5
0
Frequency [MHz]
400
500
600
700
800
900
1000
-25
-20
-15
-10
-5
0
Frequency [MHz]
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
L2=82 nH
C2=100 pF
RF OUT
C1=9 pF
RF IN
C3=100 pF
C4=10 nF
Vcc=5 V
R1=43 k
R2=5.1 k
L1=10 nH
ASL29W
R3=9.1
3 mm


Similar Part No. - ASL29W

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL29W ASB-ASL29W Datasheet
834Kb / 11P
   5-3000 MHz High Linearity LNA MMIC
February 2010
ASL29W ASB-ASL29W_13 Datasheet
727Kb / 11P
   5 ~ 3000 MHz High Linearity LNA MMIC
February 2010
More results

Similar Description - ASL29W

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL41S9 ASB-ASL41S9_17 Datasheet
510Kb / 11P
   High Linearity LNA MMIC
January 2017
ASL19C ASB-ASL19C_17 Datasheet
882Kb / 10P
   High Linearity LNA MMIC
April 2017
ASL09C ASB-ASL09C_17 Datasheet
861Kb / 10P
   High Linearity LNA MMIC
April 2017
ASL210 ASB-ASL210_17 Datasheet
460Kb / 10P
   High Linearity LNA MMIC
April 2017
ASL19W ASB-ASL19W Datasheet
588Kb / 19P
   DC-3000 MHz High Linearity LNA MMIC
February 2009
ASL03S ASB-ASL03S Datasheet
314Kb / 4P
   5-4000 MHz High Linearity LNA MMIC
May 2012
ASL09C ASB-ASL09C Datasheet
225Kb / 3P
   5-4000 MHz High Linearity LNA MMIC
September 2012
ASL19C ASB-ASL19C_15 Datasheet
920Kb / 8P
   5 ~ 3000 MHz High Linearity LNA MMIC
March 2015
ASL19W ASB-ASL19W_14 Datasheet
780Kb / 22P
   5-3000 MHz High Linearity LNA MMIC
April 2014
ASL09C ASB-ASL09C_13 Datasheet
361Kb / 3P
   5 ~ 4000 MHz High Linearity LNA MMIC
September 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com