Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16C2552CJ44 Datasheet(PDF) 7 Page - Exar Corporation

Part # ST16C2552CJ44
Description  DUAL ASYNCHRONOUS RECEIVER/TRANSMITTER WITH FIFOs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2552CJ44 Datasheet(HTML) 7 Page - Exar Corporation

Back Button ST16C2552CJ44 Datasheet HTML 3Page - Exar Corporation ST16C2552CJ44 Datasheet HTML 4Page - Exar Corporation ST16C2552CJ44 Datasheet HTML 5Page - Exar Corporation ST16C2552CJ44 Datasheet HTML 6Page - Exar Corporation ST16C2552CJ44 Datasheet HTML 7Page - Exar Corporation ST16C2552CJ44 Datasheet HTML 8Page - Exar Corporation ST16C2552CJ44 Datasheet HTML 9Page - Exar Corporation ST16C2552CJ44 Datasheet HTML 10Page - Exar Corporation ST16C2552CJ44 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
3-141
ST16C2552
FIFO POLLED MODE OPERATION
When FCR BIT-0=1; resetting IER BIT 3-0 to zero puts
the ST16C2552 in the FIFO polled mode of operation.
Since the receiver and transmitter are controlled
separately either one or both can be in the polled mode
operation by utilizing the Line Status Register.
A) LSR BIT-0 will be set as long as there is one byte
in the receive FIFO.
B) LSR BIT4-1 will specify which error(s) has oc-
curred.
C) LSR BIT-5 will indicate when the transmit FIFO is
empty.
D) LSR BIT-6 will indicate when both transmit FIFO
and transmit shift register are empty.
E) LSR BIT-7 will indicate when there are any errors
in the receive FIFO.
PROGRAMMABLE BAUD RATE GENERATOR
Each UART section of the ST16C2552 contains a
programmable Baud Rate Generator that is capable
of taking any clock input from DC-24 MHz and dividing
it by any divisor from 1 to 216 -1. The output frequency
of the Baudout* is equal to 16X of transmission baud
rate (Baudout*=16 x Baud Rate). Customize Baud
Rates can be achieved by selecting proper divisor
values for MSB and LSB of baud rate generator.
INTERRUPT ENABLE REGISTER (IER)
The Interrupt Enable Register (IER) masks the incom-
ing interrupts from receiver ready, transmitter empty,
line status and modem status registers to the INT
output pin.
IER BIT-0:
0=disable the receiver ready interrupt.
1=enable the receiver ready interrupt.
REGISTER FUNCTIONAL DESCRIPTIONS
TRANSMIT AND RECEIVE HOLDING REGISTER
The serial transmitter section consists of a Transmit
Hold Register (THR) and
Transmit Shift Register
(TSR). The status of the transmit hold register is
provided in the Line Status Register (LSR). Writing to
this register (THR) will transfer the contents of data
bus (D7-D0) to the Transmit holding register when-
ever the transmitter holding register or transmitter
shift register is empty. The transmit holding register
empty flag will be set to “1” when the transmitter is
empty or data is transferred to the transmit shift
register. Note that a write operation should be per-
formed when the transmit holding register empty flag
is set.
On the falling edge of the start bit, the receiver internal
counter will start to count 7 1/2 clocks (16x clock)
which is the center of the start bit. The start bit is valid
if the RX is still low at the mid-bit sample of the start
bit. Verifying the start bit prevents the receiver from
assembling a false data character due to a low going
noise spike on the RX input. Receiver status codes will
be posted in the Line Status Register.
FIFO INTERRUPT MODE OPERATION
When the receive FIFO (FCR BIT-0=1) and receive
interrupts (IER BIT-0=1) are enabled, receiver inter-
rupt will occur as follows:
A) The receive data available interrupts will be issued
to the CPU when the FIFO has reached its pro-
grammed trigger level; it will be cleared as soon as the
FIFO drops below its programmed trigger level.
B) The ISR receive data available indication also
occurs when the FIFO trigger level is reached, and like
the interrupt it is cleared when the FIFO drops below
the trigger level.
C) The data ready bit (LSR BIT-0) is set as soon as a
character is transferred from the shift register to the
receiver FIFO. It is reset when the FIFO is empty.


Similar Part No. - ST16C2552CJ44

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2552CJ44 EXAR-ST16C2552CJ44 Datasheet
673Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
More results

Similar Description - ST16C2552CJ44

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC16552C NSC-PC16552C Datasheet
827Kb / 22P
   Dual Universal Asynchronous Receiver/Transmitter with FIFOs
logo
Texas Instruments
PC16552DVX TI-PC16552DVX Datasheet
335Kb / 24P
[Old version datasheet]   Dual Universal Asynchronous Receiver/Transmitter with FIFOs
logo
National Semiconductor ...
PC16552D NSC-PC16552D Datasheet
291Kb / 21P
   Dual Universal Asynchronous Receiver/Transmitter with FIFOs
logo
Texas Instruments
NS16C552 TI1-NS16C552 Datasheet
335Kb / 24P
[Old version datasheet]   PC16552D Dual Universal Asynchronous Receiver/Transmitter with FIFOs?
logo
National Semiconductor ...
PC16550D NSC-PC16550D Datasheet
344Kb / 22P
   PC16550D Universal Asynchronous Receiver/Transmitter with FIFOs
logo
IMP, Inc
IMP16C554 IMP-IMP16C554 Datasheet
510Kb / 20P
   Quad Universal Asynchronous Receiver/Transmitter (UART) with FIFOs
logo
National Semiconductor ...
PC16553 NSC-PC16553 Datasheet
1Mb / 37P
   Dual Universal Asynchronous Receiver/Transmitter with FIFOs plus High Performance Parallel Interface
logo
Motorola, Inc
MC68681 MOTOROLA-MC68681 Datasheet
964Kb / 35P
   Dual Asynchronous Receiver/Transmitter
logo
NXP Semiconductors
SCC68681 PHILIPS-SCC68681 Datasheet
195Kb / 29P
   Dual asynchronous receiver/transmitter
2004 Apr 06
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com