Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ODLV-45A-48 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # ODLV-45A-48
Description  45W PWM Output LED Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ODLV-45A-48 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  ODLV-45A-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ODLV-45A-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ODLV-45A-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ODLV-45A-48 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. ODLV-45A-48 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. ODLV-45A-48 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ModelEncoding
Description
Features
File Name:ODLV-45-SPEC 2017-07-21
Applications
M
M
F
Ratedwattage
Seriesname
- 12
ODLV - 45 A
ODLV-45seriesisa45W AC/DC LED driverfeaturingtheconstantvoltagemode PWM styleoutput
design. ODLV-45operatesfrom90~295VAC andoffersmodelswithdifferentratedvoltageranging
between12Vand60V.Thankstothehighefficiencyupto90%,withthefanlessdesign,theentire
seriesisabletooperatefor-20℃~+85℃ casetemperatureunderfreeairconvection.Thedesignof
ODLV-45isequippedwithvariousfunctionoptions,suchasdimmingmethodologies,soastoprovide
thedesignflexibilityfor LED lightingsystem.
45W PWM Output LED Driver
O D LV- 4 5 series
Ratedoutputvoltage(12/24/36/48/60V)
Functionoptions
Type
Blank
A
Function
Note
InStock
InStock
2in1dimming(0~10VDCand10VPWM)
2in1dimming andAuxiliaryDCoutput
IP67
plastichousingand IP67ingressprotectionlevelallowsthisseriestofitindoorwetapplications.
TypeHL
LEDstriplighting
IndoorLEDlighting
LEDdecorativelighting
LEDarchitecturelighting
ConstantVoltage PWM styleoutput
withfrequency1KHz
Plastichousingwithclass II design
Built-inactive PFC function
Noloadpowerconsumption<0.5W(Blank-Type)
IP67ratingforindoororoutdoorinstallations
Functionoptions:2in1dimming(dim-to-off);
Auxiliary DC output
3yearswarranty
SELV


Similar Part No. - ODLV-45A-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ODLV-65 MEANWELL-ODLV-65 Datasheet
195Kb / 6P
   65W PWM Output LED Driver
ODLV-65-12 MEANWELL-ODLV-65-12 Datasheet
195Kb / 6P
   65W PWM Output LED Driver
ODLV-65-24 MEANWELL-ODLV-65-24 Datasheet
195Kb / 6P
   65W PWM Output LED Driver
ODLV-65-36 MEANWELL-ODLV-65-36 Datasheet
195Kb / 6P
   65W PWM Output LED Driver
ODLV-65-48 MEANWELL-ODLV-65-48 Datasheet
195Kb / 6P
   65W PWM Output LED Driver
More results

Similar Description - ODLV-45A-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IDLV-45 MEANWELL-IDLV-45 Datasheet
660Kb / 6P
   45W PWM Output LED Driver
IDPV-45 MEANWELL-IDPV-45 Datasheet
158Kb / 6P
   45W PWM Output LED Driver
IDPV-25 MEANWELL-IDPV-25 Datasheet
140Kb / 6P
   25W PWM Output LED Driver
IDLV-65 MEANWELL-IDLV-65 Datasheet
270Kb / 6P
   65W PWM Output LED Driver
IDPV-65 MEANWELL-IDPV-65 Datasheet
152Kb / 6P
   65W PWM Output LED Driver
ODLV-65 MEANWELL-ODLV-65 Datasheet
195Kb / 6P
   65W PWM Output LED Driver
IDLV-25 MEANWELL-IDLV-25 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
PWM-120-KN MEANWELL-PWM-120-KN Datasheet
189Kb / 8P
   120W PWM Output KNX LED Driver
PWM-60-KN MEANWELL-PWM-60-KN Datasheet
193Kb / 8P
   60W PWM Output KNX LED Driver
PLN-45-12 MEANWELL-PLN-45-12 Datasheet
190Kb / 2P
   45W Single Output LED Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com