Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GEM20-066 Datasheet(PDF) 8 Page - Green Power Solutions srl

Part # GEM20-066
Description  Green Power Easy Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GEM20-066 Datasheet(HTML) 8 Page - Green Power Solutions srl

  GEM20-066 Datasheet HTML 1Page - Green Power Solutions srl GEM20-066 Datasheet HTML 2Page - Green Power Solutions srl GEM20-066 Datasheet HTML 3Page - Green Power Solutions srl GEM20-066 Datasheet HTML 4Page - Green Power Solutions srl GEM20-066 Datasheet HTML 5Page - Green Power Solutions srl GEM20-066 Datasheet HTML 6Page - Green Power Solutions srl GEM20-066 Datasheet HTML 7Page - Green Power Solutions srl GEM20-066 Datasheet HTML 8Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
GEM_066, _076, _084 FAMILY
Document GEM_066, _076, _084 FAMILYT002
Overload capability at different overload time - Tamb = 40 °C
Max output vs Tamb
1500
1700
1900
2100
2300
2500
2700
2900
3100
0
500
1000
1500
2000
Iout [A]
GEM_084 - Two Pulse Bridge
30 s
60 s
90 s
0
1000
2000
3000
4000
5000
6000
20
30
40
50
60
70
80
Tamb [°C]
GEM_084 - Double star
GEM_084 - Two Pulse Bridge
GEM_084 - Six Pulse Bridge
2000
2500
3000
3500
4000
4500
0
500
1000
1500
2000
2500
Iout [A]
GEM_084 - Six Pulse Bridge
30 s
60 s
90 s
4000
4500
5000
5500
6000
6500
7000
7500
8000
8500
0
1000
2000
3000
4000
5000
Iout [A]
GEM_084 - Double Star
30 s
60 s
90 s


Similar Part No. - GEM20-066

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GEM06I MEANWELL-GEM06I Datasheet
545Kb / 6P
   6W AC-DC Reliable Green Interchangeable Medical Adaptor
GEM06I06-P1J MEANWELL-GEM06I06-P1J Datasheet
545Kb / 6P
   6W AC-DC Reliable Green Interchangeable Medical Adaptor
GEM06I07-P1J MEANWELL-GEM06I07-P1J Datasheet
545Kb / 6P
   6W AC-DC Reliable Green Interchangeable Medical Adaptor
GEM06I09-P1J MEANWELL-GEM06I09-P1J Datasheet
545Kb / 6P
   6W AC-DC Reliable Green Interchangeable Medical Adaptor
GEM06I12-P1J MEANWELL-GEM06I12-P1J Datasheet
545Kb / 6P
   6W AC-DC Reliable Green Interchangeable Medical Adaptor
More results

Similar Description - GEM20-066

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GEM15-037 GPSEMI-GEM15-037 Datasheet
5Mb / 16P
   Green Power Easy Module
GEM10-027 GPSEMI-GEM10-027 Datasheet
2Mb / 9P
   Green Power Easy Module
GEM_059 GPSEMI-GEM_059 Datasheet
5Mb / 16P
   Green Power Easy Module 짰
GEM_098 GPSEMI-GEM_098 Datasheet
2Mb / 10P
   Green Power Easy Module 짰
GEM_013 GPSEMI-GEM_013 Datasheet
2Mb / 9P
   Green Power Easy Module 짰
GEM_027 GPSEMI-GEM_027 Datasheet
1Mb / 9P
   Green Power Easy Module 짰
GEM_037 GPSEMI-GEM_037 Datasheet
4Mb / 16P
   Green Power Easy Module 짰
GEMD133 GPSEMI-GEMD133 Datasheet
1Mb / 6P
   Green Power Easy Module 짰
logo
PHOENIX CONTACT
2901539 PHOENIX-2901539 Datasheet
776Kb / 9P
   Easy module replacement even during operation (hot swap)
logo
u-blox AG
SAM-M8Q U-BLOX-SAM-M8Q Datasheet
1Mb / 26P
   Easy-to-use u-blox M8 GNSS antenna module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com