Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GEM_027 Datasheet(PDF) 3 Page - Green Power Solutions srl

Part # GEM_027
Description  Electrically insulated metal frame
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GEM_027 Datasheet(HTML) 3 Page - Green Power Solutions srl

  GEM_027 Datasheet HTML 1Page - Green Power Solutions srl GEM_027 Datasheet HTML 2Page - Green Power Solutions srl GEM_027 Datasheet HTML 3Page - Green Power Solutions srl GEM_027 Datasheet HTML 4Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GEM_018,_031
QUAD SCR MODULES
1.0
0
24
Maximum IEC class 1 currents for typical circuit type
GEM_018 GEM_027 GEM_031 GEM_025 GEM_028
Conditions
Units
AC switch
415
614
692
577
629
TA = 40 °C
delay angle = 0°
A
Center tap
371
549
619
517
563
TA = 40 °C
delay angle = 0°
A
Two pulse bridge
371
549
619
517
563
TA = 40 °C
delay angle = 0°
A
Six pulse bridge
532
780
897
734
816
TA = 40 °C
delay angle = 0°
A
Double star with I.P. transf.
1070
1572
1798
1479
1634
TA = 40 °C
delay angle = 0°
A
1.5;1 min
1.0
0
24
Maximum IEC class 2 currents for typical circuit type
GEM_018 GEM_027 GEM_031 GEM_025 GEM_028
Conditions
Units
AC switch
327
488
555
444
511
TA = 40 °C
delay angle = 0°
A
Center tap
295
440
500
400
460
TA = 40 °C
delay angle = 0°
A
Two pulse bridge
295
440
500
400
460
TA = 40 °C
delay angle = 0°
A
Six pulse bridge
420
625
730
590
660
TA = 40 °C
delay angle = 0°
A
Double star with I.P. transf.
840
1270
1470
1180
1330
TA = 40 °C
delay angle = 0°
A
Thermal and mechanical characteristics
GEM_018 GEM_027 GEM_031 GEM_025 GEM_028
Conditions
Units
Tjmax
Max operating junction
temperature
125
125
125
125
125
°C
Tstg
Storage temperature
-40 +70
-40 +70
-40 +70
-40 +70
-40 +70
°C
RthJA
Thermal resistance
(junction to ambient)
0.334
0.230
0.219
0.233
0.219
Air velocity = 5 m/s
°C/W
Mounting torque -
GEM to panel (+/- 10%)
7
7
7
7
7
M6 mounting screw
N·m
Mounting torque -
busbar to GEM (+/- 10%)
14
14
14
14
14
M8 mounting screw
N·m
m
Mass, typ
with FAPC options
kg
Overall dimensions
D
Depth
200
mm
H
Height
570
mm
W
Width
103
mm
Document GEM_018,_031
QUAD SCR MODULEST002
Circuit Type
Parameters
F
Circuit Type
H
D


Similar Part No. - GEM_027

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GEM_027 GPSEMI-GEM_027 Datasheet
1Mb / 9P
   Green Power Easy Module 짰
GEM_027 GPSEMI-GEM_027 Datasheet
192Kb / 4P
   QUAD SCR MODULES
More results

Similar Description - GEM_027

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GEM07-025 GPSEMI-GEM07-025 Datasheet
766Kb / 4P
   Electrically insulated metal frame
GEM07-035 GPSEMI-GEM07-035 Datasheet
1Mb / 5P
   Electrically insulated metal frame
GEM5-013 GPSEMI-GEM5-013 Datasheet
487Kb / 9P
   Electrically insulated metal frame
logo
Infineon Technologies A...
TT120N INFINEON-TT120N Datasheet
402Kb / 11P
   Electrically insulated base plate
DD100N INFINEON-DD100N Datasheet
359Kb / 10P
   Electrically insulated base plate
2014-08-15 Revision 3.1
logo
CUI INC
CDM-16008 CUI-CDM-16008 Datasheet
1Mb / 4P
   metal frame
CDM-12008 CUI-CDM-12008 Datasheet
1Mb / 4P
   metal frame
CDM-10008 CUI-CDM-10008 Datasheet
1Mb / 4P
   metal frame
CDM-13008 CUI-CDM-13008 Datasheet
886Kb / 4P
   metal frame
CDM-20008 CUI-CDM-20008 Datasheet
1Mb / 4P
   metal frame
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com