Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GEM07-025 Datasheet(PDF) 1 Page - Green Power Solutions srl

Part # GEM07-025
Description  Electrically insulated metal frame
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GEM07-025 Datasheet(HTML) 1 Page - Green Power Solutions srl

  GEM07-025 Datasheet HTML 1Page - Green Power Solutions srl GEM07-025 Datasheet HTML 2Page - Green Power Solutions srl GEM07-025 Datasheet HTML 3Page - Green Power Solutions srl GEM07-025 Datasheet HTML 4Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Preliminary Data Sheet
Electrically insulated metal frame
Extremely high power density
3000 VRMS insulation voltage
Line voltage range up to 800 VRMS
High reliability
Modularity
Fully customizable
Broad range of accessories
Cost effective solution
Suitable for heavy duty applications
Maximum Ratings
IT(AV)
186
275
310
258
281
A
IT(RMS)
292
432
487
405
441
A
ITSM
6
8.5
16
7.5
11
50 Hz, Tj = Tjmax,
VR = 0 V
kA
ITSM
6.3
9.0
16.9
7.9
11.6
60 Hz, Tj = Tjmax,
VR = 0 V
kA
I²t
180
361
1280
281
605
50 Hz, Tj = Tjmax,
VR = 0 V
kA²s
I²t
164
329
1165
256
551
60 Hz, Tj = Tjmax,
VR = 0 V
kA²s
VDRM/VRRM
1600
1600
1800
2200
2800
Tj = Tjmax
V
Tjmax
125
125
125
125
125
°C
Document GEM_018,_031 QUAD SCR MODULEST002
180°cond, half sine
Ta = 40 °C
Air velocity = 5 m/s
GEM_018,_031
QUAD SCR MODULES
Conditions
Units
Part number
Parameters------------------
GEM_018 GEM_027 GEM_031 GEM_025 GEM_028
Green Power Solutions srl
Via Venezia, 34D
10088 - Volpiano (TO) - Italy
Phone: +39-011-988 2251
Fax: +39-011-988 1358
Web: www.gpsemi.it
E-mail: info@gpsemi.it
Description
This new family of high power modules brings to the high power applications the same
compactness, ease of use and scalability of the lower power semiconductor modules. In addition
to these typical features (i.e. standard dimensions, electrical insulation, various circuit types, etc.)
the new Green Power Easy Module (GEM) family includes many features aimed to simplify their
adoption allowing the end users to focus on their core business. These features include:
• embedded air cooling system (heatsink and fan)
• optimised snubber circuits
• pulse transformer modules
• ducted heat flow.


Similar Part No. - GEM07-025

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GEM07-018 GPSEMI-GEM07-018 Datasheet
766Kb / 4P
   Electrically insulated metal frame
GEM07-035 GPSEMI-GEM07-035 Datasheet
1Mb / 5P
   Electrically insulated metal frame
More results

Similar Description - GEM07-025

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GEM07-035 GPSEMI-GEM07-035 Datasheet
1Mb / 5P
   Electrically insulated metal frame
GEM5-013 GPSEMI-GEM5-013 Datasheet
487Kb / 9P
   Electrically insulated metal frame
GEM07-018 GPSEMI-GEM07-018 Datasheet
766Kb / 4P
   Electrically insulated metal frame
logo
Infineon Technologies A...
TT120N INFINEON-TT120N Datasheet
402Kb / 11P
   Electrically insulated base plate
DD100N INFINEON-DD100N Datasheet
359Kb / 10P
   Electrically insulated base plate
2014-08-15 Revision 3.1
logo
CUI INC
CDM-16008 CUI-CDM-16008 Datasheet
1Mb / 4P
   metal frame
CDM-12008 CUI-CDM-12008 Datasheet
1Mb / 4P
   metal frame
CDM-10008 CUI-CDM-10008 Datasheet
1Mb / 4P
   metal frame
CDM-13008 CUI-CDM-13008 Datasheet
886Kb / 4P
   metal frame
CDM-20008 CUI-CDM-20008 Datasheet
1Mb / 4P
   metal frame
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com