Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ODLV-45-12 Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # ODLV-45-12
Description  45W PWM Output LED Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ODLV-45-12 Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  ODLV-45-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ODLV-45-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ODLV-45-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ODLV-45-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. ODLV-45-12 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. ODLV-45-12 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
fosc : 70~150KHz
BLOCK DIAGRAM
DETECTION
CIRCUIT
EMI FILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
RECTIFIERS
I/P
CONTROL
&
CURRENT
LIMIT
PWM&PFC
O.L.P.
45W PWM Output LED Driver
O D LV- 4 5 series
File Name:ODLV-45-SPEC 2017-07-21
DIM+
DIM-
Vo+
AUX+(for A-Type)
Vo-
AUX-(for A-Type)
※ This series work in Constant Voltage mode to drive the LEDs.
DRIVING METHODS OF LED MODULE
Typical output current normalized by rated current (%)
In the constant current region, the highest voltage at the output of the driver
depends on the configuration of the end systems.
Should there be any compatibility issues, please contact MEAN WELL.
100
50
(min.)
50
100
Io(%)
(B)
Constant
Current area
(C)
Hiccup
Protection
(A)
Constant
Voltage area


Similar Part No. - ODLV-45-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ODLV-65 MEANWELL-ODLV-65 Datasheet
195Kb / 6P
   65W PWM Output LED Driver
ODLV-65-12 MEANWELL-ODLV-65-12 Datasheet
195Kb / 6P
   65W PWM Output LED Driver
ODLV-65-24 MEANWELL-ODLV-65-24 Datasheet
195Kb / 6P
   65W PWM Output LED Driver
ODLV-65-36 MEANWELL-ODLV-65-36 Datasheet
195Kb / 6P
   65W PWM Output LED Driver
ODLV-65-48 MEANWELL-ODLV-65-48 Datasheet
195Kb / 6P
   65W PWM Output LED Driver
More results

Similar Description - ODLV-45-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IDLV-45 MEANWELL-IDLV-45 Datasheet
660Kb / 6P
   45W PWM Output LED Driver
IDPV-45 MEANWELL-IDPV-45 Datasheet
158Kb / 6P
   45W PWM Output LED Driver
IDPV-25 MEANWELL-IDPV-25 Datasheet
140Kb / 6P
   25W PWM Output LED Driver
IDLV-65 MEANWELL-IDLV-65 Datasheet
270Kb / 6P
   65W PWM Output LED Driver
IDPV-65 MEANWELL-IDPV-65 Datasheet
152Kb / 6P
   65W PWM Output LED Driver
ODLV-65 MEANWELL-ODLV-65 Datasheet
195Kb / 6P
   65W PWM Output LED Driver
IDLV-25 MEANWELL-IDLV-25 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
PWM-120-KN MEANWELL-PWM-120-KN Datasheet
189Kb / 8P
   120W PWM Output KNX LED Driver
PWM-60-KN MEANWELL-PWM-60-KN Datasheet
193Kb / 8P
   60W PWM Output KNX LED Driver
PLN-45-12 MEANWELL-PLN-45-12 Datasheet
190Kb / 2P
   45W Single Output LED Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com