Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDD01M-09 Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # MDD01M-09
Description  1W SIP Package DC-DC Medical Grade Unregulated Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MDD01M-09 Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  MDD01M-09 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MDD01M-09 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. MDD01M-09 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. MDD01M-09 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. MDD01M-09 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
File Name:MDS01,MDD01-SPEC 2017-07-14
1W SIP Package DC-DC Medical Grade Unregulated Converter
MDS01 & MDD01 series
Plug Assignment
Installation Manual
Please refer to : http://www.meanwell.com/manual.html
Derating Curve
Ta (
)
-40
-20
0
20
40
60
80
100
40
20
60
85
100
Natural convection
Pin-Out
Pin No.
1
2
5
7
6
+Vin
-Vin
-Vout
No pin
+Vout
+Vin
-Vin
-Vout
Common
+Vout
MDS01
(Single output)
MDD01
(Dual output)


Similar Part No. - MDD01M-09

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MDD02 MEANWELL-MDD02 Datasheet
95Kb / 5P
   2W SIP Package DC-DC Medical Grade Unregulated Converter
MDD02L-05 MEANWELL-MDD02L-05 Datasheet
95Kb / 5P
   2W SIP Package DC-DC Medical Grade Unregulated Converter
MDD02L-09 MEANWELL-MDD02L-09 Datasheet
95Kb / 5P
   2W SIP Package DC-DC Medical Grade Unregulated Converter
MDD02L-12 MEANWELL-MDD02L-12 Datasheet
95Kb / 5P
   2W SIP Package DC-DC Medical Grade Unregulated Converter
MDD02L-15 MEANWELL-MDD02L-15 Datasheet
95Kb / 5P
   2W SIP Package DC-DC Medical Grade Unregulated Converter
More results

Similar Description - MDD01M-09

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPU01 MEANWELL-SPU01 Datasheet
105Kb / 4P
   1W SIP Package DC-DC Unregulated Converter
MDS02 MEANWELL-MDS02 Datasheet
95Kb / 5P
   2W SIP Package DC-DC Medical Grade Unregulated Converter
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S DELTA-PB01S Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MA01 MINMAX-MA01_16 Datasheet
656Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
MBU100 MINMAX-MBU100_16 Datasheet
436Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S2403A DELTA-PB01S2403A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
PB01S0509A DELTA-PB01S0509A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
List of Unclassifed Man...
PB01D2415B ETC2-PB01D2415B Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MAW01 MINMAX-MAW01_16 Datasheet
577Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com