Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFM-05-15 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # MFM-05-15
Description  5W High Reliable Green Medical On Board Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MFM-05-15 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  MFM-05-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MFM-05-15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. MFM-05-15 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. MFM-05-15 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


1.65"x0.88" compact size
Medical safety approved (2 x MOPP) accroding to
ANSI/AAMI ES60601-1 and IEC/EN60601-1
Suitable for BF application with appropriate system consideration
No load power consumption<0.075W
Extremely low leakage current
Wide operating temp. range -40 ~ +85
EMI class B for class Ⅱ configuration
Protections:
Short circuit / Overload / Over voltage / Over temperature

52K hours
3 years warranty

5W High Reliable Green Medical On Board Type
M F M - 0 5 series



File Name:MFM-05-SPEC 2017-08-08





+
+


Ⅱ

μ

 
  







Similar Part No. - MFM-05-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MFM-10 MEANWELL-MFM-10 Datasheet
567Kb / 4P
   10W High Reliable Green Medical On Board Type
MFM-10-12 MEANWELL-MFM-10-12 Datasheet
567Kb / 4P
   10W High Reliable Green Medical On Board Type
MFM-10-15 MEANWELL-MFM-10-15 Datasheet
567Kb / 4P
   10W High Reliable Green Medical On Board Type
MFM-10-24 MEANWELL-MFM-10-24 Datasheet
567Kb / 4P
   10W High Reliable Green Medical On Board Type
MFM-10-3.3 MEANWELL-MFM-10-3.3 Datasheet
567Kb / 4P
   10W High Reliable Green Medical On Board Type
More results

Similar Description - MFM-05-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MPM-05 MEANWELL-MPM-05 Datasheet
571Kb / 4P
   5W High Reliable Green Medical Encapsulated Type
MFM-30 MEANWELL-MFM-30 Datasheet
590Kb / 4P
   30W High Reliable Green Medical On Board Type
MFM-15 MEANWELL-MFM-15 Datasheet
572Kb / 4P
   15W High Reliable Green Medical On Board Type
MFM-10 MEANWELL-MFM-10 Datasheet
567Kb / 4P
   10W High Reliable Green Medical On Board Type
MFM-20 MEANWELL-MFM-20 Datasheet
571Kb / 4P
   20W High Reliable G 0W reen Medical On Board Type
MPM-10 MEANWELL-MPM-10 Datasheet
569Kb / 4P
   10W High Reliable Green Medical Encapsulated Type
MPM-20 MEANWELL-MPM-20 Datasheet
544Kb / 4P
   20W High Reliable Green Medical Encapsulated Type
MPM-30 MEANWELL-MPM-30 Datasheet
595Kb / 4P
   30W High Reliable Green Medical Encapsulated Type
MPM-15 MEANWELL-MPM-15 Datasheet
585Kb / 4P
   15W High Reliable Green Medical Encapsulated Type
logo
Digital View Ltd
416017100-3 DIGITALVIEW-416017100-3 Datasheet
658Kb / 2P
   Audio 5W Add-on Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com