Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDD02M-05 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # MDD02M-05
Description  2W SIP Package DC-DC Medical Grade Unregulated Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MDD02M-05 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  MDD02M-05 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MDD02M-05 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. MDD02M-05 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. MDD02M-05 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. MDD02M-05 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL SELECTION TABLE
ORDER NO.
INPUT
OUTPUT
INPUT CURRENT
OUTPUT
VOLTAGE
CAPACITOR LOAD
(MAX.)
OUTPUT
CURRENT
NO LOAD
FULL LOAD
INPUT VOLTAGE
(RANGE)
MDS02L-05
MDS02M-05
MDS02N-05
MDS02L-12
MDS02M-12
MDS02N-12
MDS02L-15
MDS02M-15
MDS02N-15
MDD02L-05
MDD02M-05
MDD02N-05
MDD02L-12
MDD02L-09
MDD02M-12
MDD02M-09
MDD02N-12
MDD02N-09
MDD02L-15
MDD02M-15
MDD02N-15
Normal 5V
(4.5 ~ 5.5V)
Normal 12V
(10.8 ~ 13.2V)
Normal 24V
(21.6 ~ 26.4V)
5V
5V
5V
12V
12V
12V
15V
15V
15V
5V
±
5V
±
5V
±
12V
±
9V
±
12V
±
9V
±
12V
±
9V
±
15V
±
15V
±
15V
±
510mA
215mA
106mA
510mA
205mA
103mA
100mA
106mA
103mA
103mA
103mA
510mA
200mA
500mA
210mA
510mA
500mA
205mA
205mA
510mA
205mA
35mA
15mA
16mA
17mA
17mA
18mA
21mA
24mA
8mA
47mA
9mA
9mA
11mA
11mA
11mA
12mA
65mA
35mA
60mA
47mA
65mA
40 ~ 400mA
40 ~ 400mA
40 ~ 400mA
17 ~ 167mA
17 ~ 167mA
17 ~ 167mA
13 ~ 133mA
13 ~ 133mA
13 ~ 133mA
20 ~ 200mA
±
20 ~ 200mA
±
20 ~ 200mA
±
9 ~ 83mA
±
9 ~ 83mA
±
9 ~ 83mA
±
12 ~ 111mA
±
12 ~ 111mA
±
12 ~ 111mA
±
7 ~ 67mA
±
7 ~ 67mA
±
7 ~ 67mA
±
77%
75%
80%
80%
83%
83%
85%
77%
82%
83%
82%
79%
84%
78%
78%
78%
81%
83%
83%
79%
82%
1000 F
μ
1000 F
μ
1000 F
μ
470 F
μ
470 F
μ
470 F
μ
470 F
μ
470 F
μ
470 F
μ
*470 F
μ
*470 F
μ
*470 F
μ
*220 F
μ
*220 F
μ
*220 F
μ
*470 F
μ
*470 F
μ
*470 F
μ
*220 F
μ
*220 F
μ
*220 F
μ
File Name:MDS02,MDD02-SPEC 2017-07-14
EFFICIENCY
(TYP.)
* For each output
2W SIP Package DC-DC Medical Grade Unregulated Converter
MDS02 & MDD02 series


Similar Part No. - MDD02M-05

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MDD01 MEANWELL-MDD01 Datasheet
96Kb / 5P
   1W SIP Package DC-DC Medical Grade Unregulated Converter
MDD01L-05 MEANWELL-MDD01L-05 Datasheet
96Kb / 5P
   1W SIP Package DC-DC Medical Grade Unregulated Converter
MDD01L-09 MEANWELL-MDD01L-09 Datasheet
96Kb / 5P
   1W SIP Package DC-DC Medical Grade Unregulated Converter
MDD01L-12 MEANWELL-MDD01L-12 Datasheet
96Kb / 5P
   1W SIP Package DC-DC Medical Grade Unregulated Converter
MDD01L-15 MEANWELL-MDD01L-15 Datasheet
96Kb / 5P
   1W SIP Package DC-DC Medical Grade Unregulated Converter
More results

Similar Description - MDD02M-05

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MDS01 MEANWELL-MDS01 Datasheet
96Kb / 5P
   1W SIP Package DC-DC Medical Grade Unregulated Converter
logo
Delta Electronics, Inc.
PC02S DELTA-PC02S Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MCWI02 MINMAX-MCWI02_16 Datasheet
635Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
logo
Delta Electronics, Inc.
PG02S DELTA-PG02S_14 Datasheet
280Kb / 6P
   2W DC/DC CONVERTER, SIP-Package
PG02S DELTA-PG02S Datasheet
332Kb / 5P
   2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300_16 Datasheet
665Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
MCW1000 MINMAX-MCW1000_16 Datasheet
565Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
logo
Mean Well Enterprises C...
SPU01 MEANWELL-SPU01 Datasheet
105Kb / 4P
   1W SIP Package DC-DC Unregulated Converter
SFTN02 MEANWELL-SFTN02 Datasheet
185Kb / 5P
   2W SMD Package DC-DC Unregulated Converter
SPAN02 MEANWELL-SPAN02 Datasheet
108Kb / 4P
   2W SIP Package DC-DC Regulated Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com