Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDS01M-12 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # MDS01M-12
Description  1W SIP Package DC-DC Medical Grade Unregulated Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MDS01M-12 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  MDS01M-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MDS01M-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. MDS01M-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. MDS01M-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. MDS01M-12 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1W SIP Package DC-DC Medical Grade Unregulated Converter
■ Model Encoding
Output voltage (
5
3 3
dc
9 12 15Vdc)
. /5/12/15V
± /± /± /±
Rated wattage
Input voltage ( 4.5 ~ 5.5V
10.8 ~ 13.2V
21.6 ~ 26.4V
L:
dc M:
dc N:
dc)
,,
Series name
- 12
MD 01
SL
SIP7 package with international standard pinout
Operating temperature range -40 ~ +85℃
Medical safety approved (1xMOPP/2xMOOP) according to
ANSI AAMI ES60601 1
/-
Low patient leakage current <2 A
μ
Protection: Short circuit(3 second max.)
6KVDC or 4.2KVAC hight I/O isolation (Reinforced isolation)
Low cost
3 years warranty
■ Features
S:Single output
D:Dual output
{
MDS01 & MDD01 series
File Name:MDS01,MDD01-SPEC 2017-07-14
■ Applications
■ Description
MDS01
MDD01
1
unregulated
medical grade
and
series are W isolated and
module type
DC-DC converter
with SIP package. It features international standard pins, a high efficiency up to 8 %,
working
7
3
wide
temperature range -40~+
, KVDC
.
I/P-O/P
isolation voltage, short circuit protection,
85
6
or 4 2KVAC
hight
etc. The models account for different input voltage
±
and various output voltage, .
/
5V/12V/24V
,
10%
3 3V
5V/12V/15V
single output and ±
/± V/±12V/±15V
dual outputs, which are suitable for
for
5V 9
for
medical
systems, ultra low leakage current.
Medical devices
Medical oxygen monitor
T scanning
C
edical carts
M
ral care equipment
O
ANSI/AAMI
ES60601-1


Similar Part No. - MDS01M-12

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDS001 ITT-MDS001 Datasheet
263Kb / 3P
   Micro Snap-acting Detect Switches
logo
C&K Components
MDS001C CK-COMPONENTS-MDS001C Datasheet
122Kb / 3P
   Micro Snap-acting Detect Switches
logo
ITT Industries
MDS002 ITT-MDS002 Datasheet
263Kb / 3P
   Micro Snap-acting Detect Switches
logo
C&K Components
MDS002C CK-COMPONENTS-MDS002C Datasheet
122Kb / 3P
   Micro Snap-acting Detect Switches
logo
ITT Industries
MDS003 ITT-MDS003 Datasheet
263Kb / 3P
   Micro Snap-acting Detect Switches
More results

Similar Description - MDS01M-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPU01 MEANWELL-SPU01 Datasheet
105Kb / 4P
   1W SIP Package DC-DC Unregulated Converter
MDS02 MEANWELL-MDS02 Datasheet
95Kb / 5P
   2W SIP Package DC-DC Medical Grade Unregulated Converter
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S DELTA-PB01S Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MA01 MINMAX-MA01_16 Datasheet
656Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
MBU100 MINMAX-MBU100_16 Datasheet
436Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S2403A DELTA-PB01S2403A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
PB01S0509A DELTA-PB01S0509A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
List of Unclassifed Man...
PB01D2415B ETC2-PB01D2415B Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MAW01 MINMAX-MAW01_16 Datasheet
577Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com