Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPFH-60D-42 Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part # LPFH-60D-42
Description  60W Constant Current LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPFH-60D-42 Datasheet(HTML) 6 Page - Mean Well Enterprises Co., Ltd.

  LPFH-60D-42 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPFH-60D-42 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LPFH-60D-42 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LPFH-60D-42 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. LPFH-60D-42 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. LPFH-60D-42 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. LPFH-60D-42 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. LPFH-60D-42 Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
0.82
0.84
0.86
0.88
0.9
0.92
0.94
0.96
0.98
1
50%
60%
70%
80%
90%
100%
347VAC
277VAC
230VAC
0%
5%
10%
15%
20%
25%
50%
60%
70%
80%
90%
100%
347VAC
277VAC
230VAC
LPFH-60D series
File Name:LPFH-60D-SPEC 2016-12-23
LOAD
OUTPUT LOAD vs TEMPERATURE
STATIC CHARACTERISTIC
TOTAL HARMONIC DISTORTION (THD)
AMBIENT TEMPERATURE,Ta (
)
INPUT VOLTAGE (V) 60Hz
(HORIZONTAL)
POWER FACTOR (PF) CHARACTERISTIC
Tcase (
)
(HORIZONTAL)
※De-rating is needed under low input voltage.
EFFICIENCY vs LOAD
LPFH-60D series possess superior working efficiency that up to 90% can
be reached in field applications.
-40
-25
0
2045556575
90
20
40
60
80
100
※ 54V Model, Tcase at 80℃
※ 54V Model, Tcase at 80℃
LOAD
LOAD
※ Tcase at 80℃
20
40
60
80
100
-30
0
15
30
040
50
-40
60
70
200
220
240
260
280
300
320
360
380
400
100
90
80
70
60
50
40
340
60W Constant Current LED Driver
12V
others
70
60
65
70
75
80
85
90
95
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
347VAC
277VAC
230VAC


Similar Part No. - LPFH-60D-42

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPFH-60 MEANWELL-LPFH-60 Datasheet
107Kb / 6P
   60W Constant Voltage Constant Current LED Driver
LPFH-60-12 MEANWELL-LPFH-60-12 Datasheet
107Kb / 6P
   60W Constant Voltage Constant Current LED Driver
LPFH-60-15 MEANWELL-LPFH-60-15 Datasheet
107Kb / 6P
   60W Constant Voltage Constant Current LED Driver
LPFH-60-24 MEANWELL-LPFH-60-24 Datasheet
107Kb / 6P
   60W Constant Voltage Constant Current LED Driver
LPFH-60-36 MEANWELL-LPFH-60-36 Datasheet
107Kb / 6P
   60W Constant Voltage Constant Current LED Driver
More results

Similar Description - LPFH-60D-42

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPFH-60 MEANWELL-LPFH-60 Datasheet
107Kb / 6P
   60W Constant Voltage Constant Current LED Driver
logo
Vitec Power
ILPA60JU-SERIES Vitec-ILPA60JU-SERIES Datasheet
296Kb / 2P
   60W Water-Proof Constant Current LED Driver
ILPA60JU Vitec-ILPA60JU Datasheet
296Kb / 2P
   60W Water-Proof Constant Current LED Driver
logo
Phihong USA Inc.
PDA060B-700B PHIHONG-PDA060B-700B Datasheet
204Kb / 3P
   60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
logo
Inventronics Inc.
LUR-060SXXXST INVENTRONICS-LUR-060SXXXST Datasheet
354Kb / 8P
   60W Constant Current IP54 Driver
Rev. A
EUC-060SXXXST INVENTRONICS-EUC-060SXXXST Datasheet
534Kb / 7P
   60W Constant Current IP67 Driver
Rev. M
EUC-060SXXXSV INVENTRONICS-EUC-060SXXXSV Datasheet
526Kb / 7P
   60W Constant Current IP67 Driver
Rev. M
EBC-060SXXXDV-000X INVENTRONICS-EBC-060SXXXDV-000X Datasheet
998Kb / 10P
   60W Constant Current IP67 Driver
Rev. D
logo
Mean Well Enterprises C...
LCM-60 MEANWELL-LCM-60 Datasheet
311Kb / 12P
   60W Multiple-Stage Constant Current Mode LED Driver
LCM-60IOT MEANWELL-LCM-60IOT Datasheet
1Mb / 9P
   60W Wireless Lighting Constant Current LED Driver Solution
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com