Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDLV-65A-48 Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part # IDLV-65A-48
Description  65W PWM Output LED Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

IDLV-65A-48 Datasheet(HTML) 6 Page - Mean Well Enterprises Co., Ltd.

  IDLV-65A-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. IDLV-65A-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. IDLV-65A-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. IDLV-65A-48 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. IDLV-65A-48 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. IDLV-65A-48 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
File Name:IDLV-65-SPEC 2017-05-03
IDLV-65 series
65W PWM Output LED Driver
INSTALLATION MANUAL
※ A-Type
Terminal Pin No. Assignment(TB1)
Pin No.
1
2
Assignment
ACL
ACL
Terminal Pin No. Assignment(TB2)
Pin No.
Pin No.
1
2
3
4
5
6
Assignment
Assignment
DIM+
Vo-
AUX+
AUX-
DIM-
Vo+
3
4
ACN
ACN
30
130
6.5
6.5
: Max. Case Temperature
tc
tc
2
1
TB2
TB1
4
3
2
1
4
3
6
5
Please refer to :
http://www.meanwell.com/manual.html


Similar Part No. - IDLV-65A-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IDLV-25 MEANWELL-IDLV-25 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
IDLV-25-12 MEANWELL-IDLV-25-12 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
IDLV-25-24 MEANWELL-IDLV-25-24 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
IDLV-25-36 MEANWELL-IDLV-25-36 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
IDLV-25-48 MEANWELL-IDLV-25-48 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
More results

Similar Description - IDLV-65A-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IDPV-65 MEANWELL-IDPV-65 Datasheet
152Kb / 6P
   65W PWM Output LED Driver
ODLV-65 MEANWELL-ODLV-65 Datasheet
195Kb / 6P
   65W PWM Output LED Driver
IDPV-25 MEANWELL-IDPV-25 Datasheet
140Kb / 6P
   25W PWM Output LED Driver
IDLV-45 MEANWELL-IDLV-45 Datasheet
660Kb / 6P
   45W PWM Output LED Driver
IDPV-45 MEANWELL-IDPV-45 Datasheet
158Kb / 6P
   45W PWM Output LED Driver
ODLV-45 MEANWELL-ODLV-45 Datasheet
646Kb / 6P
   45W PWM Output LED Driver
IDLV-25 MEANWELL-IDLV-25 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
PWM-120-KN MEANWELL-PWM-120-KN Datasheet
189Kb / 8P
   120W PWM Output KNX LED Driver
PWM-60-KN MEANWELL-PWM-60-KN Datasheet
193Kb / 8P
   60W PWM Output KNX LED Driver
IDLC-65 MEANWELL-IDLC-65 Datasheet
200Kb / 6P
   65W Constant Current Mode LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com