Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDPC-25-500 Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part # IDPC-25-500
Description  25W Constant Current Mode LED Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

IDPC-25-500 Datasheet(HTML) 6 Page - Mean Well Enterprises Co., Ltd.

  IDPC-25-500 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. IDPC-25-500 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. IDPC-25-500 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. IDPC-25-500 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. IDPC-25-500 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. IDPC-25-500 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
File Name:IDPC-25-SPEC 2017-04-26
Terminal Pin No. Assignment(TB1)
Pin No.
1
2
Assignment
ACL
ACL
Terminal Pin No. Assignment(TB2)
3
4
ACN
ACN
Unit:mm
MECHANICAL SPECIFICATION
25W Constant Current Mode LED Driver
IDPC-25 series
Installation Manual
※ Blank-Type
Terminal Pin No. Assignment(TB1)
Pin No.
1
2
Assignment
ACL
ACL
Terminal Pin No. Assignment(TB2)
Pin No.
Pin No.
1
2
3
4
5
6
Assignment
Assignment
DIM-
AUX+
Vo-
Vo+
DIM+
AUX-
3
4
ACN
ACN
※ A-Type
Please refer to :
http://www.meanwell.com/manual.html
Pin No.
1
2
3
Assignment
DIM-
Vo-
DIM+
4
Vo+
Vo+
DIM+
Vo-
DIM-
AC/N
AC/L
AC/L
AC/N
TB2
TB1
+
114.5
106.5
4
Aux-
Aux+
Vo+
DIM+
Vo-
DIM-
AC/N
AC/L
AC/L
AC/N
TB2
TB1
+
114.5
106.5
4
43
5
*ψ .
43
5
*ψ .


Similar Part No. - IDPC-25-500

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IDPC-45 MEANWELL-IDPC-45 Datasheet
510Kb / 6P
   45W Constant Current Mode LED Driver
IDPC-45A-1050 MEANWELL-IDPC-45A-1050 Datasheet
510Kb / 6P
   45W Constant Current Mode LED Driver
IDPC-45A-1400 MEANWELL-IDPC-45A-1400 Datasheet
510Kb / 6P
   45W Constant Current Mode LED Driver
IDPC-45A-350 MEANWELL-IDPC-45A-350 Datasheet
510Kb / 6P
   45W Constant Current Mode LED Driver
IDPC-45A-500 MEANWELL-IDPC-45A-500 Datasheet
510Kb / 6P
   45W Constant Current Mode LED Driver
More results

Similar Description - IDPC-25-500

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IDLC-25 MEANWELL-IDLC-25 Datasheet
264Kb / 6P
   25W Constant Current Mode LED Driver
LCM-25 MEANWELL-LCM-25 Datasheet
186Kb / 8P
   25W Multiple-Stage Constant Current Mode LED Driver
LCM-25BLE MEANWELL-LCM-25BLE Datasheet
1Mb / 8P
   25W Multiple-Stage Constant Current Mode LED Driver
LCM-25KN MEANWELL-LCM-25KN Datasheet
532Kb / 8P
   25W Multiple-Stage Constant Current Mode LED Driver
LCM-25DA MEANWELL-LCM-25DA Datasheet
169Kb / 8P
   25W Multiple-Stage Constant Current Mode LED Driver
LPF-25 MEANWELL-LPF-25 Datasheet
537Kb / 6P
   25W Constant Voltage Constant Current LED Driver
XLG-25 MEANWELL-XLG-25 Datasheet
143Kb / 8P
   25W Constant Power Mode LED Driver
logo
Phihong USA Inc.
PDA025H-350A-H PHIHONG-PDA025H-350A-H Datasheet
329Kb / 4P
   25W Triac Dimmable Constant Current LED Driver Residential LED Driver
logo
Mean Well Enterprises C...
LCM-25IOT MEANWELL-LCM-25IOT Datasheet
1Mb / 8P
   25W Wireless Lighting Constant Current LED Driver Solution
logo
Vitec Power
ILPA25JUD Vitec-ILPA25JUD Datasheet
402Kb / 2P
   25W Dimmable Water-Proof Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com