Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDPC-25 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # IDPC-25
Description  25W Constant Current Mode LED Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

IDPC-25 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  IDPC-25 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. IDPC-25 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. IDPC-25 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. IDPC-25 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. IDPC-25 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. IDPC-25 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
File Name:IDPC-25-SPEC 2017-04-26
fosc : 70KHz
Block Diagram
DIM+
DIM-
DETECTION
CIRCUIT
EMI FILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
RECTIFIERS
Vo+
AUX+(for A-Type)
Vo-
I/P
CONTROL
&
CURRENT
LIMIT
PWM&PFC
O.L.P.
AUX-(for A-Type)
25W Constant Current Mode LED Driver
IDPC-25 series
DRIVING METHODS OF LED MODULE
※ This series works in constant current mode to directly drive the LEDs.
Typical output current normalized by rated current (%)
In the constant current region, the highest voltage at the output of the driver
depends on the configuration of the end systems.
Should there be any compatibility issues, please contact MEAN WELL.
100
70
(min.)
50
100
Io(%)
Constant
Current area
Hiccup
Protection


Similar Part No. - IDPC-25

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IDPC-45 MEANWELL-IDPC-45 Datasheet
510Kb / 6P
   45W Constant Current Mode LED Driver
IDPC-45A-1050 MEANWELL-IDPC-45A-1050 Datasheet
510Kb / 6P
   45W Constant Current Mode LED Driver
IDPC-45A-1400 MEANWELL-IDPC-45A-1400 Datasheet
510Kb / 6P
   45W Constant Current Mode LED Driver
IDPC-45A-350 MEANWELL-IDPC-45A-350 Datasheet
510Kb / 6P
   45W Constant Current Mode LED Driver
IDPC-45A-500 MEANWELL-IDPC-45A-500 Datasheet
510Kb / 6P
   45W Constant Current Mode LED Driver
More results

Similar Description - IDPC-25

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IDLC-25 MEANWELL-IDLC-25 Datasheet
264Kb / 6P
   25W Constant Current Mode LED Driver
LCM-25 MEANWELL-LCM-25 Datasheet
186Kb / 8P
   25W Multiple-Stage Constant Current Mode LED Driver
LCM-25BLE MEANWELL-LCM-25BLE Datasheet
1Mb / 8P
   25W Multiple-Stage Constant Current Mode LED Driver
LCM-25KN MEANWELL-LCM-25KN Datasheet
532Kb / 8P
   25W Multiple-Stage Constant Current Mode LED Driver
LCM-25DA MEANWELL-LCM-25DA Datasheet
169Kb / 8P
   25W Multiple-Stage Constant Current Mode LED Driver
LPF-25 MEANWELL-LPF-25 Datasheet
537Kb / 6P
   25W Constant Voltage Constant Current LED Driver
XLG-25 MEANWELL-XLG-25 Datasheet
143Kb / 8P
   25W Constant Power Mode LED Driver
logo
Phihong USA Inc.
PDA025H-350A-H PHIHONG-PDA025H-350A-H Datasheet
329Kb / 4P
   25W Triac Dimmable Constant Current LED Driver Residential LED Driver
logo
Mean Well Enterprises C...
LCM-25IOT MEANWELL-LCM-25IOT Datasheet
1Mb / 8P
   25W Wireless Lighting Constant Current LED Driver Solution
logo
Vitec Power
ILPA25JUD Vitec-ILPA25JUD Datasheet
402Kb / 2P
   25W Dimmable Water-Proof Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com