Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENW89823A4KF Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # ENW89823A4KF
Description  Panasonic Industrial Devices Europe GmbH
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ENW89823A4KF Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button ENW89823A4KF Datasheet HTML 6Page - Panasonic Semiconductor ENW89823A4KF Datasheet HTML 7Page - Panasonic Semiconductor ENW89823A4KF Datasheet HTML 8Page - Panasonic Semiconductor ENW89823A4KF Datasheet HTML 9Page - Panasonic Semiconductor ENW89823A4KF Datasheet HTML 10Page - Panasonic Semiconductor ENW89823A4KF Datasheet HTML 11Page - Panasonic Semiconductor ENW89823A4KF Datasheet HTML 12Page - Panasonic Semiconductor ENW89823A4KF Datasheet HTML 13Page - Panasonic Semiconductor ENW89823A4KF Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
CLASSIFICATION
PRODUCT SPECIFICATION
No.
DS-13xx-2400-102
REV.
4.9
SUBJECT
CLASS 1 or 2 BLUETOOTH MODULE
PAGE
10 of 60
CUSTOMER’S CODE
PAN13XX Core Specification
PANASONIC’S CODE
See Chapter Ordering Information
DATE
09.03.2017
PANASONIC INDUSTRIAL DEVICES EUROPE GMBH
www.pideu.panasonic.de
5.2
PIN DESCRIPTION
Pin Name
No
ESD
7
(V)
Pull at
Reset
Def.
Dir.
8
I/O Type
9
Description of Options
Bluetooth IO SIGNALS
HCI_RX
5
750
PU
I
8 mA
HCI UART data receive
HCI_TX
6
750
PU
O
8 mA
HCI UART data transmit
HCI_RTS
4
750
PU
O
8 mA
HCI UART request-to-send.
HCI_CTS
3
750
PU
I
8 mA
HCI UART clear-to-send.
AUD_FYSNC
7
500
PD
IO
4 mA
PCM frame synch (NC if not used)
Fail safe
AUD_CLK
19
500
PD
IO
HY, 4 mS
PCM clock
(NC if not used)
Fail safe
AUD_IN
18
500
PD
I
4 mA
PCM data input
(NC if not used)
Fail safe
AUD_OUT
17
500
PD
O
4 mA
PCM data output
(NC if not used)
Fail safe
TX_DBG
2
1000
PU
O
2 mA
Logger output
OPTION: nTX_DBG
– logger out (low = 1)
CLOCK SIGNALS
SLOW_CLK_IN
8
1000
I
32.768-kHz clock in
Fail safe
Bluetooth ANALOG SIGNALS
RF
13
1000
IO
Bluetooth RF IO (not connected with antenna)
nSHUTD
16
1000
PD
I
Shutdown input (active low).
Bluetooth POWER AND GND SIGNALS
VDD_IO
22
1000
PI
I/O power supply 1.8 V Nom
MLDO_IN
15
1000
I
Main LDO input
Connect directly to battery or to a pre-regulated 1.8-V supply
MLDO_OUT
10
1000
O
Main LDO output (1.8 V nom.) Can not be used as 1.8V supply
due to internal connection to the RF part.
CL1.5_LDO_IN
11
1000
I
PA LDO input
Connect directly to battery or to a pre-regulated 1.8-V supply
GND
1
P
Connect to Ground
GND
12
P
Connect to Ground
GND
14
P
Connect to Ground
GND
20
P
Connect to Ground
EEPROM IO SIGNALS (EEPROM is optional in PAN13x product line)
NC
23
1000
PU/PD
I
HY, 4mA
EEPROM I²C SCL (Internal)
NC
21
1000
PU/PD
IO
HY, 4mA
EEPROM I²C IRQ (Internal)
Remark:
HCI_CTS is an input signal to the CC256X device:
-
When HCI_CTS is low, then CC256X is allowed to send data to Host device.
-
When HCI_CTS is high, then CC256X is not allowed to send data to Host device.
7 ESD: Human Body Model (HBM). JEDEC 22-A114
8 I = input; O = output; IO = bidirectional; P = power; PU = pulled up; PD = pulled down
9 I/O Type: Digital I/O cells. HY = input hysteresis, current = typ output current


Similar Part No. - ENW89823A4KF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ENW89811J4CF PANASONIC-ENW89811J4CF Datasheet
664Kb / 2P
   Bluetooth-Module PAN1321
ENW89815A3KF PANASONIC-ENW89815A3KF Datasheet
667Kb / 33P
   CLASS 2 BLUETOOTH MODULE
ENW89815C3KF PANASONIC-ENW89815C3KF Datasheet
667Kb / 33P
   CLASS 2 BLUETOOTH MODULE
ENW89854C1KF PANASONIC-ENW89854C1KF Datasheet
1Mb / 41P
   Low Energy Module
Rev. 1.0
ENW89854C2KF PANASONIC-ENW89854C2KF Datasheet
1Mb / 41P
   Low Energy Module
Rev. 1.0
More results

Similar Description - ENW89823A4KF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECO-S1KP472DA PANASONIC-ECO-S1KP472DA Datasheet
193Kb / 10P
   Panasonic Industrial Company
KR16TT090610 PANASONIC-KR16TT090610 Datasheet
202Kb / 6P
   Panasonic Industrial Company FERRITE CORES FOR NOISE REDUCTION
logo
Panasonic Battery Group
KC PANASONICBATTERY-KC Datasheet
194Kb / 1P
   Industrial MLC (Multi Level Cell) NAND with Reliable Panasonic Controller
logo
Panasonic Semiconductor
EZAEG2A50AX PANASONIC-EZAEG2A50AX Datasheet
892Kb / 6P
   Panasonic ESD Suppressors
logo
Panasonic Battery Group
FX PANASONICBATTERY-FX Datasheet
203Kb / 1P
   Industrial SLC (Single Level Cell) NAND with Reliable Panasonic Controller
SHH43C72RAU PANASONICBATTERY-SHH43C72RAU Datasheet
49Kb / 1P
   SPECIFICATION OF PANASONIC COMPRESSOR
logo
Panasonic Semiconductor
AN80T05 PANASONIC-AN80T05 Datasheet
991Kb / 12P
   Panasonic Semiconductor Singapore A Division of Panasonic Semiconductor Asia Pte Ltd
logo
CUI INC
SMI-EU-3L CUI-SMI-EU-3L Datasheet
407Kb / 2P
   EUROPE BLADE
logo
Amphenol Corporation
C091-31G006-100-2 AMPHENOL-C091-31G006-100-2 Datasheet
3Mb / 52P
   Amphenol-Tuchel Electronics GmbH
logo
ALPS ELECTRIC CO.,LTD.
SKHHLRA010 ALPS-SKHHLRA010 Datasheet
711Kb / 8P
   ALPS ELECTRIC EUROPA GMBH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com