Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDLC-65A-1750 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # IDLC-65A-1750
Description  65W Constant Current Mode LED Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

IDLC-65A-1750 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  IDLC-65A-1750 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. IDLC-65A-1750 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. IDLC-65A-1750 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. IDLC-65A-1750 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. IDLC-65A-1750 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. IDLC-65A-1750 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
65W Constant Current Mode LED Driver
IDLC-65 series
■ Model Encoding
■ Description
■ Features
■ Applications
LED panel lighting
LED flood lighting
Indoor LED lighting
Rated output current(700/1050/1400/1750mA)
Rated wattage
Series name
- 1750
IDLC - 65
File Name:IDLC-65-SPEC 2017-05-03
A
IDLC-65 series is a 65W LED AC/DC driver featuring the constant current mode output with flicker
free design. IDLC-65 operates from 180~295VAC and offers models with different rated current
ranging between 700mA and 1750mA. Thanks to the high efficiency up to 89%, with the fanless
design, the entire series is able to operate for -20 ~+85 case temperature under free air convection.
℃℃
IDLC-65 is equipped with various function options, such as dimming methodologies, so as to provide
the optimal design flexibility for lighting system.
FM
M
SELV
Function options
Constant Current mode output
Flicker free design
Plastic housing with class II design
Built-in active PFC function
No load power consumption<0.5W(Blank-Type),
Standby power consumption<0.5W(DA-Type)
Function options: 2 in 1 dimming (dim-to-off);
Auxiliary DC output; DALI
3 years warranty
Type
Blank
Function
Note
In Stock
In Stock
2 in 1 dimming (0~10VDC and 10V PWM)
(for DA-Type only)
DA
DALI control technology
A:Auxiliary DC output(12V@50mA)
:None
Note: The DALI control model(DA Type) only for IDLC-65 Non Auxiliary DC output models.
{


Similar Part No. - IDLC-65A-1750

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IDLC-25 MEANWELL-IDLC-25 Datasheet
264Kb / 6P
   25W Constant Current Mode LED Driver
IDLC-25A-500 MEANWELL-IDLC-25A-500 Datasheet
264Kb / 6P
   25W Constant Current Mode LED Driver
IDLC-45 MEANWELL-IDLC-45 Datasheet
576Kb / 6P
   45W Constant Current Mode LED Driver
More results

Similar Description - IDLC-65A-1750

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IDPC-65 MEANWELL-IDPC-65 Datasheet
220Kb / 6P
   65W Constant Current Mode LED Driver
HLG-320H-C MEANWELL-HLG-320H-C Datasheet
3Mb / 9P
   320W Constant Current Mode LED Driver
IDLC-25 MEANWELL-IDLC-25 Datasheet
264Kb / 6P
   25W Constant Current Mode LED Driver
LPF-16D MEANWELL-LPF-16D Datasheet
567Kb / 8P
   16W Constant Current Mode LED Driver
XLG-20 MEANWELL-XLG-20 Datasheet
626Kb / 6P
   21W Constant Current Mode LED Driver
2022-08-08
IDLC-45 MEANWELL-IDLC-45 Datasheet
576Kb / 6P
   45W Constant Current Mode LED Driver
IDPC-25 MEANWELL-IDPC-25 Datasheet
139Kb / 6P
   25W Constant Current Mode LED Driver
IDPC-45 MEANWELL-IDPC-45 Datasheet
510Kb / 6P
   45W Constant Current Mode LED Driver
HLG-480H-C MEANWELL-HLG-480H-C Datasheet
304Kb / 10P
   480W Constant Current Mode LED Driver
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com