Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSSC3218BI1B Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ZSSC3218BI1B
Description  High-End 18-Bit Sensor Signal Conditioner
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3218BI1B Datasheet(HTML) 1 Page - Integrated Device Technology

  ZSSC3218BI1B Datasheet HTML 1Page - Integrated Device Technology ZSSC3218BI1B Datasheet HTML 2Page - Integrated Device Technology ZSSC3218BI1B Datasheet HTML 3Page - Integrated Device Technology ZSSC3218BI1B Datasheet HTML 4Page - Integrated Device Technology ZSSC3218BI1B Datasheet HTML 5Page - Integrated Device Technology ZSSC3218BI1B Datasheet HTML 6Page - Integrated Device Technology ZSSC3218BI1B Datasheet HTML 7Page - Integrated Device Technology ZSSC3218BI1B Datasheet HTML 8Page - Integrated Device Technology ZSSC3218BI1B Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
High-End 18-Bit Sensor Signal
Conditioner
ZSSC3218
Datasheet
© 2016 Integrated Device Technology, Inc.
1
April 20, 2016
Brief Description
The ZSSC3218 is a sensor signal conditioner (SSC)
integrated circuit for high-accuracy amplification and
analog-to-digital conversion
of
a
differential or
pseudo-differential input signal. Designed for high-
resolution
sensor
module
applications,
the
ZSSC3218 can perform offset, span, and 1
st and 2nd
order temperature compensation of the measured
signal. Developed for correction of resistive bridge or
absolute voltage sensors, it can also provide a
corrected temperature output measured with an
internal sensor.
The measured and corrected sensor values are
provided at the digital output pins, which can be
configured as I
2C™* (
≤ 3.4MHz) or SPI (≤ 20MHz).
Digital compensation of signal offset, sensitivity,
temperature, and non-linearity is accomplished via a
26-bit internal digital signal processor (DSP) running
a correction algorithm. Calibration coefficients are
stored on-chip in a highly reliable, non-volatile,
multiple-time programmable (MTP) memory. Pro-
gramming the ZSSC3218 is simple via the serial
interface. The interface is used for the PC-controlled
calibration procedure, which programs the set of
calibration coefficients in memory. The ZSSC3218
provides accelerated signal processing, increased
resolution, and improved noise immunity in order to
support high-speed control, safety, and real-time
sensing applications with the highest requirements
for energy efficiency.
Features
Flexible, programmable analog front-end design;
up to 18-bit analog-to-digital converter (ADC)
Fully programmable gain amplifier for optimizing
sensor signals: gain range 6.6 to 216 (linear)
Internal auto-compensated temperature sensor
Digital compensation of individual sensor offset;
1
st and 2nd order digital compensation of sensor
gain as well as 1
st and 2nd order temperature gain
and offset drift
Programmable interrupt operation
High-speed sensing: e.g. 16-bit conditioned
sensor signal measurement rate >500s
-1
Typical sensor elements can achieve an accu-
racy of better than ±0.10% FSO** at -40 to 85°C
Benefits
Integrated 26-bit calibration math digital signal
processor (DSP)
Fully corrected signal at digital output
Layout customized for die-die bonding with
sensor for high-density chip-on-board assembly
One-pass calibration minimizes calibration costs
No external trimming, filter, or buffering com-
ponents required
Highly integrated CMOS design
Integrated reprogrammable non-volatile memory
Excellent for low-voltage and low-power battery
applications
Optimized for operation in calibrated resistive
(e.g., pressure) sensor or calibrated absolute
voltage (e.g., thermopile) sensor modules
Physical Characteristics
Supply voltage range: 1.68V to 3.6V
Current consumption: 1.0mA (operating mode)
Sleep State current: 20nA (typical)
Temperature resolution: <0.003K/LSB
Best-in-class energy-efficiency:
with 16-bit resolution: <140pJ/step
with 18-bit resolution: <50pJ/step
Operation temperature: –40°C to +85°C
Small die size
Delivery options: die for wafer bonding
* I
2C™ is a trademark of NXP.
** FSO = Full Scale Output.
ZSSC3218 Application Example
VSSB
VDD
INN
VDDB
VSS
EOC
RES
MOSI
SDA
SCLK
SCL
sensor element
VDDB
VSSB
INP(+)
INN(-)
INP
MISO
SS
Stacked-Die Sensor Module
VDD
VSS
Microcontroller
VDD
VSS
SS
MISO
MOSI
SDA
SCLK
SCL
Battery
ZSSC3218
RES
EOC


Similar Part No. - ZSSC3218BI1B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3218BI1B RENESAS-ZSSC3218BI1B Datasheet
1Mb / 56P
   High-End 18-Bit Sensor Signal Conditioner
More results

Similar Description - ZSSC3218BI1B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3218 RENESAS-ZSSC3218 Datasheet
1Mb / 56P
   High-End 18-Bit Sensor Signal Conditioner
ZSSC3224 RENESAS-ZSSC3224 Datasheet
1Mb / 48P
   High End 24-Bit Sensor Signal Conditioner IC
logo
Integrated Device Techn...
ZSSC3224 IDT-ZSSC3224 Datasheet
1Mb / 51P
   High End 24-Bit Sensor Signal Conditioner IC
logo
Renesas Technology Corp
ZSSC3018 RENESAS-ZSSC3018 Datasheet
1Mb / 51P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3018 IDT-ZSSC3018 Datasheet
1Mb / 50P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
logo
List of Unclassifed Man...
ZSSC3036 ETC2-ZSSC3036 Datasheet
1Mb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com