Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSSC3218BI1B Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ZSSC3218BI1B
Description  High-End 18-Bit Sensor Signal Conditioner
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3218BI1B Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ZSSC3218BI1B Datasheet HTML 4Page - Integrated Device Technology ZSSC3218BI1B Datasheet HTML 5Page - Integrated Device Technology ZSSC3218BI1B Datasheet HTML 6Page - Integrated Device Technology ZSSC3218BI1B Datasheet HTML 7Page - Integrated Device Technology ZSSC3218BI1B Datasheet HTML 8Page - Integrated Device Technology ZSSC3218BI1B Datasheet HTML 9Page - Integrated Device Technology ZSSC3218BI1B Datasheet HTML 10Page - Integrated Device Technology ZSSC3218BI1B Datasheet HTML 11Page - Integrated Device Technology ZSSC3218BI1B Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
ZSSC3218 Datasheet
© 2016 Integrated Device Technology, Inc.
8
April 20, 2016
Parameter
Symbol
Conditions/Comments
Min
Typ
Max
Unit
Amplifier
Gain
Gamp
64 steps
6.6
216
Gain Error
Gerr
Referenced to nominal gain
-2.5
-
2.5
%
Sensor Signal Conditioning Performance
IC Accuracy Error
1)
ErrA,IC
Accuracy error for sensor that is
ideally linear (in temperature and
measurand)
0.01
%FSO
Conversion Rate, 18-Bit SSC
fS, SSC
Conversion per second for fully
corrected 18-bit measurement
270
300
Hz
Input
Input Voltage Range
VINP, VINN
Input voltage range at INP and INN
0.65
1.05
V
External Sensor Bridge
Resistance
RBR
Full power supply disturbance
rejection (PSRR) capabilities
1
10
50
k
Ω
Reduced PSRR, but full
functionality
100
999
Ω
Power-Up
Start-up Time
tSTA1
VDD ramp up to interface
communication (see section 3.1)
1
ms
tSTA2
VDD ramp up to analog operation
2.5
ms
Wake-up Time
tWUP1
Sleep to Active State interface
communication
0.5
ms
tWUP2
Sleep to Active State analog
operation
2
ms
Oscillator
Internal Oscillator Frequency
fCLK
3.6
4
4.4
MHz
Internal Temperature Sensor
Temperature Resolution
-40°C to +85°C
0.003
K/LSB
Interface and Memory
SPI Clock Frequency
fC,SPI
Maximum capacitance at MISO
line: 40pF at VDD=1.8V
1
20
MHz
I²C™ Clock Frequency
fC,I2C
3.4
MHz
Program Time
tprog
MTP programming time per 16-bit
register
5
16
ms
Endurance
nMTP
Number of reprogramming cycles
1000
10000
numeric
Data Retention
tRET_MTP
1000h at 125°C
10
a
1)
Percentage referred to maximum full-scale output (FSO); e.g. for 18-bit measurements: ErrA,IC [%FSO] = 100 · MAX{ | ADCmeas – ADCideal | } / 2
18
.


Similar Part No. - ZSSC3218BI1B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3218BI1B RENESAS-ZSSC3218BI1B Datasheet
1Mb / 56P
   High-End 18-Bit Sensor Signal Conditioner
More results

Similar Description - ZSSC3218BI1B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3218 RENESAS-ZSSC3218 Datasheet
1Mb / 56P
   High-End 18-Bit Sensor Signal Conditioner
ZSSC3224 RENESAS-ZSSC3224 Datasheet
1Mb / 48P
   High End 24-Bit Sensor Signal Conditioner IC
logo
Integrated Device Techn...
ZSSC3224 IDT-ZSSC3224 Datasheet
1Mb / 51P
   High End 24-Bit Sensor Signal Conditioner IC
logo
Renesas Technology Corp
ZSSC3018 RENESAS-ZSSC3018 Datasheet
1Mb / 51P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3018 IDT-ZSSC3018 Datasheet
1Mb / 50P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
logo
List of Unclassifed Man...
ZSSC3036 ETC2-ZSSC3036 Datasheet
1Mb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com