Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSSC3218BI1B Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ZSSC3218BI1B
Description  High-End 18-Bit Sensor Signal Conditioner
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3218BI1B Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ZSSC3218BI1B Datasheet HTML 2Page - Integrated Device Technology ZSSC3218BI1B Datasheet HTML 3Page - Integrated Device Technology ZSSC3218BI1B Datasheet HTML 4Page - Integrated Device Technology ZSSC3218BI1B Datasheet HTML 5Page - Integrated Device Technology ZSSC3218BI1B Datasheet HTML 6Page - Integrated Device Technology ZSSC3218BI1B Datasheet HTML 7Page - Integrated Device Technology ZSSC3218BI1B Datasheet HTML 8Page - Integrated Device Technology ZSSC3218BI1B Datasheet HTML 9Page - Integrated Device Technology ZSSC3218BI1B Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
ZSSC3218 Datasheet
© 2016 Integrated Device Technology, Inc.
6
April 20, 2016
1
IC Characteristics
1.1.
Absolute Maximum Ratings
Note: The absolute maximum ratings are stress ratings only. The ZSSC3218 might not function or be operable
above the recommended operating conditions. Stresses exceeding the absolute maximum ratings might also
damage the device. In addition, extended exposure to stresses above the recommended operating conditions
might affect device reliability. IDT does not recommend designing to the “Absolute Maximum Ratings.”
Table 1.1
Maximum Ratings
PARAMETER
SYMBOL
Min
TYP
MAX
UNITS
Voltage Reference
VSS
0
0
V
Analog Supply Voltage
VDD
-0.4
3.63
V
Voltage at all Analog and Digital IO Pins
VA_IO, VD_IO
-0.5
VDD+0.5
V
Input Current into any Pin except RES, SS
1), 2)
IIN
-100
100
mA
Electrostatic Discharge Tolerance – Human Body Model (HBM1)
3)
VHBM1
±4000
-
V
Storage Temperature
TSTOR
-50
125
°C
1)
Latch-up current limit for RES, ZMDI-test and SS: ±70mA.
2)
Latch-up resistance; reference for pin is 0V.
3)
HBM1: C = 100pF charged to VHBM1 with resistor R = 1.5kΩ in series based on MIL 883, Method 3015.7. ESD protection
referenced to the Human Body Model is tested with devices in ceramic dual in-line packages (CDIP) during product qualification.
1.2.
Operating Conditions
The reference for all voltages is Vss.
Table 1.2
Operating Conditions
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
1.68
-
3.6
V
VDD Rise Time
tVDD
200
μs
Bridge Current
1)
IVDDB
1.8
mA
16.5
Operation Temperature Range
TAMB
-40
-
85
°C
External (Parasitic) Capacitance between VDDB and VSS
CL
0.01
50
nF
1)
Power supply rejection is reduced if a current in the range of 16.5mA > IVDDB > 1.8mA is drawn out of VDDB.


Similar Part No. - ZSSC3218BI1B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3218BI1B RENESAS-ZSSC3218BI1B Datasheet
1Mb / 56P
   High-End 18-Bit Sensor Signal Conditioner
More results

Similar Description - ZSSC3218BI1B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3218 RENESAS-ZSSC3218 Datasheet
1Mb / 56P
   High-End 18-Bit Sensor Signal Conditioner
ZSSC3224 RENESAS-ZSSC3224 Datasheet
1Mb / 48P
   High End 24-Bit Sensor Signal Conditioner IC
logo
Integrated Device Techn...
ZSSC3224 IDT-ZSSC3224 Datasheet
1Mb / 51P
   High End 24-Bit Sensor Signal Conditioner IC
logo
Renesas Technology Corp
ZSSC3018 RENESAS-ZSSC3018 Datasheet
1Mb / 51P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3018 IDT-ZSSC3018 Datasheet
1Mb / 50P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
logo
List of Unclassifed Man...
ZSSC3036 ETC2-ZSSC3036 Datasheet
1Mb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com