Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSSC3218 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ZSSC3218
Description  High-End 18-Bit Sensor Signal Conditioner
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3218 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ZSSC3218 Datasheet HTML 6Page - Integrated Device Technology ZSSC3218 Datasheet HTML 7Page - Integrated Device Technology ZSSC3218 Datasheet HTML 8Page - Integrated Device Technology ZSSC3218 Datasheet HTML 9Page - Integrated Device Technology ZSSC3218 Datasheet HTML 10Page - Integrated Device Technology ZSSC3218 Datasheet HTML 11Page - Integrated Device Technology ZSSC3218 Datasheet HTML 12Page - Integrated Device Technology ZSSC3218 Datasheet HTML 13Page - Integrated Device Technology ZSSC3218 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
ZSSC3218 Datasheet
© 2016 Integrated Device Technology, Inc.
10
April 20, 2016
2
Circuit Description
2.1.
Brief Description
The ZSSC3218 provides a highly accurate amplification of bridge sensor signals. The compensation of sensor
offset, sensitivity, temperature drift, and non-linearity is accomplished via a 26-bit DSP core running a correction
algorithm with calibration coefficients stored in a non-volatile memory. The ZSSC3218 can be configured for a
wide range of resistive bridge sensor types and for absolute voltage source sensors. A digital interface (SPI or
I
2C™) enables communication. The ZSSC3218 supports two operational modes: Normal Mode and Command
Mode. Normal Mode is the standard operating mode. Typically in Normal Mode, the ZSSC3218 wakes up from a
Sleep State (low power), runs a measurement in Active State, and automatically returns to the Sleep State. (See
section 3.4 for details on operational modes.)
2.2.
Signal Flow and Block Diagram
See Figure 2.1 and Figure 2.2 for the ZSSC3218 block diagram for different input sensors. The sensor bridge
supply VDDB and the power supply for analog circuitry are provided by a voltage regulator, which is optimized for
power supply disturbance rejection (PSRR). See section 1.4 for a graph of PSRR versus frequency. To improve
noise suppression, the digital blocks are powered by a separate voltage regulator. A power supervision circuit
monitors all supply voltages and generates appropriate reset signals for initializing the digital blocks.
The System Control Unit controls the analog circuitry to perform the three measurement types: external sensor,
temperature, and offset measurement. The multiplexer selects the signal input to the amplifier, which can be the
external signals from the input pins INP and INN or the internal temperature reference sensor signals. A full
measurement request will trigger an automatic sequence of all measurement types and all input signals.
Figure 2.1
ZSSC3218 Functional Block Diagram, Resistive-Bridge Sensor
Sensor
Bridge
AGND / CM
Generator
Bias Current
Generator
Power-ON
Reset
Temperature
Reference
Sensor
DSP Core
(Calculations,
Communication)
MTP
System
Control
Unit
Pre-
Amplifier
VTP
VTN
EOC
INP
INN
VDD
VSSB
Oscillator
Clock
Generator
SPI
I²C
TM
SCLK/SCL
MISO
MOSI/SDA
SS
VSS
Voltage
Regulator
Power Ctr.
Vreg int
A
D
18 Bit
VDDB
ZSSC3218
RES


Similar Part No. - ZSSC3218

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3218 RENESAS-ZSSC3218 Datasheet
1Mb / 56P
   High-End 18-Bit Sensor Signal Conditioner
ZSSC3218BI1B RENESAS-ZSSC3218BI1B Datasheet
1Mb / 56P
   High-End 18-Bit Sensor Signal Conditioner
ZSSC3218BI2B RENESAS-ZSSC3218BI2B Datasheet
1Mb / 56P
   High-End 18-Bit Sensor Signal Conditioner
ZSSC3218BI3RES RENESAS-ZSSC3218BI3RES Datasheet
1Mb / 56P
   High-End 18-Bit Sensor Signal Conditioner
More results

Similar Description - ZSSC3218

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3218 RENESAS-ZSSC3218 Datasheet
1Mb / 56P
   High-End 18-Bit Sensor Signal Conditioner
ZSSC3224 RENESAS-ZSSC3224 Datasheet
1Mb / 48P
   High End 24-Bit Sensor Signal Conditioner IC
logo
Integrated Device Techn...
ZSSC3224 IDT-ZSSC3224 Datasheet
1Mb / 51P
   High End 24-Bit Sensor Signal Conditioner IC
logo
Renesas Technology Corp
ZSSC3018 RENESAS-ZSSC3018 Datasheet
1Mb / 51P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3018 IDT-ZSSC3018 Datasheet
1Mb / 50P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
logo
List of Unclassifed Man...
ZSSC3036 ETC2-ZSSC3036 Datasheet
1Mb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com