Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRM20V100LLMX7 Datasheet(PDF) 1 Page - Epson Company

Part # SRM20V100LLMX7
Description  1M-Bit Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SRM20V100LLMX7 Datasheet(HTML) 1 Page - Epson Company

  SRM20V100LLMX7 Datasheet HTML 1Page - Epson Company SRM20V100LLMX7 Datasheet HTML 2Page - Epson Company SRM20V100LLMX7 Datasheet HTML 3Page - Epson Company SRM20V100LLMX7 Datasheet HTML 4Page - Epson Company SRM20V100LLMX7 Datasheet HTML 5Page - Epson Company SRM20V100LLMX7 Datasheet HTML 6Page - Epson Company SRM20V100LLMX7 Datasheet HTML 7Page - Epson Company SRM20V100LLMX7 Datasheet HTML 8Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
SRM20V100LLMX7
A0 to A16
WE
OE
CS1, CS2
I/O1 to I/O8
VDD
VSS
Address Input
Write Enable
Output Enable
Chip Select
Data I/O
Power Supply (2.7V to 3.6V)
Power Supply (0V)
N. C.
No connection
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
CS1
OE
WE
I/O Buffer
Column Gate
Memory Cell Array
1024
×128×8
128
×8
8
10
1024
7
128
I/O1 I/O2 I/O3 I/O4 I/O5 I/O6 I/O7 I/O8
A13
A15
A16
A14
CS2
1
A11
32
OE
2
A9
31
A10
3
A8
30
CS1
4
A13
29
I/08
5
WE
28
I/07
6
CS2
27
I/06
7
A15
26
I/05
8
VDD
25
I/04
9
N.C.
24
VSS
10
A16
23
I/03
11
A14
22
I/02
12
A12
21
I/01
13
A7
20
A0
14
A6
19
A1
15
A5
18
A2
16
A4
17
A3
16
A4
17
A3
15
A5
18
A2
14
A6
19
A1
13
A7
20
A0
12
A12
21
I/01
11
A14
22
I/02
10
A16
23
I/03
9
N.C.
24
VSS
8
VDD
25
I/04
7
A15
26
I/05
6
CS2
27
I/06
5
WE
28
I/07
4
A13
29
I/08
3
A8
30
CS1
2
A9
31
A10
1
A11
32
OE
(SOP6)
(TSOP/Slim-TSOP)
32
VDD
N.C. 1
31
A15
A16
2
30
CS2
A14
3
29
WE
A12
4
28
A13
A7
5
27
A8
A6
6
26
A9
A5
7
25
A11
A4
8
24
OE
A3
9
23
A10
A2
10
22
CS1
A1
11
21
I/08
A0
12
20
I/07
I/01
13
19
I/06
I/02
14
18
I/05
I/03
15
17
I/04
VSS
16
(TSOP-R1/Slim-TSOP-R1)
SRM20V100LLTX/KX
SRM20V100LLRX/YX
1M-Bit Static RAM
PF805-04
SRM20V100LLMX7
s DESCRIPTION
The SRM20V100LLMX7 is an 131,072 words
×8-bit asynchronous, static, random access memory on a monolithic
CMOS chip. Its very low standby power requirement makes it ideal for applications requiring non-volatile storage
with back-up batteries. And —25 to 85
°C operating temperature range makes it ideal for portable equipment.
The asynchronous and static nature of the memory requires no external clock or refreshing circuit. Both the
input and output ports are TTL compatible and 3-state output allows easy expansion of memory capacity.
s FEATURES
q Wide temperature range ..... –25 to 85
°C
q Fast Access time ................. SRM20V100LLMX7 70ns (Max.)
q Low supply current .............. standby: 0.6
µA (Typ.): LL Version
0.3
µA (Typ.): SL Version
operation: 8mA/1MHz (Typ.)
q Completely static ................. No clock required
q Supply voltage..................... 2.7V to 3.6V
q TTL compatible inputs and outputs
q 3-state output with wired-OR capability
q Non-volatile storage with back-up batteries
q Package ...... SRM20V100LLMX7
SOP6-32pin (plastic)
SRM20V100LLTX7
TSOP ( I )-32pin (plastic)
SRM20V100LLRX7
TSOP ( I )-32pin-R1 (plastic)
SRM20V100LLKX7
Slim-TSOP ( I )-32pin (plastic)
SRM20V100LLYX7
Slim-TSOP ( I )-32pin-R1 (plastic)
s BLOCK DIAGRAM
¡
PIN DESCRIPTION
Low
Voltage
Operation
Products
q Low Supply Voltage
q Wide Temperature Range
q Low Supply Current
q Access Time 70ns (2.7V)
q 131,072 Words
×8-Bit Asynchronous
s PIN CONFIGURATION


Similar Part No. - SRM20V100LLMX7

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SRM20V60CT YFWDIODE-SRM20V60CT Datasheet
1,006Kb / 4P
   Trench MOS Barrier Schottky Rectifier
SRM20V60CT YFWDIODE-SRM20V60CT Datasheet
1Mb / 4P
   Low VF Schottky Rectifier
SRM20V60CT YFWDIODE-SRM20V60CT_V01 Datasheet
1Mb / 4P
   Low VF Schottky Rectifier
SRM20V60DC YFWDIODE-SRM20V60DC Datasheet
1,006Kb / 4P
   Trench MOS Barrier Schottky Rectifier
SRM20V60DC YFWDIODE-SRM20V60DC Datasheet
1Mb / 4P
   Low VF Schottky Rectifier
More results

Similar Description - SRM20V100LLMX7

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM321024 MOTOROLA-MCM321024 Datasheet
80Kb / 8P
   1M x 32 Bit Fast Static RAM Module
MCM8A10 MOTOROLA-MCM8A10 Datasheet
79Kb / 8P
   1M x 8 Bit Fast Static RAM Module
logo
Cypress Semiconductor
CY7C1061AV25 CYPRESS-CY7C1061AV25 Datasheet
269Kb / 11P
   1M x 16 Static RAM
CY7C1046BV33 CYPRESS-CY7C1046BV33 Datasheet
136Kb / 8P
   1M x 4 Static RAM
CY7C107 CYPRESS-CY7C107 Datasheet
144Kb / 8P
   1M x 1 Static RAM
CY7C1046B CYPRESS-CY7C1046B Datasheet
142Kb / 8P
   1M x 4 Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33 Datasheet
270Kb / 11P
   1M x 16 Static RAM
CY7C107B CYPRESS-CY7C107B Datasheet
144Kb / 9P
   1M x 1 Static RAM
CY7C1046CV33 CYPRESS-CY7C1046CV33 Datasheet
161Kb / 9P
   1M x 4 Static RAM
CY7C107BN CYPRESS-CY7C107BN Datasheet
310Kb / 7P
   1M x 1 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com