Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2SA684 Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part No. 2SA684
Description  TO-92L Plastic-Encapsulate Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Homepage  http://www.cj-elec.com/index.asp
Logo 

   
 3 page
background image
-1
-10
-100
-1000
-300
-600
-900
-1200
0
25
50
75
100
125
150
0
150
300
450
600
750
900
-1
-10
-100
-1000
-10
-100
-1000
-200
-400
-600
-800
-1000
-0.1
-1
-10
-100
-1000
-0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-0
-200
-400
-600
-800
-1000
-1200
-1
-10
1
10
100
1000
-10
-100
10
100
-1
-10
-100
-1000
200
400
600
800
1000
-0.4
β=10
I
C
V
BEsat
——
COLLECTOR CURREMT I
C
(mA)
T
a=100
T
a=25
f
T
——
I
C
P
C
——
T
a
AMBIENT TEMPERATURE T
a
( )
T
a=100
T
a=25
β=10
I
C
V
CEsat
——
COLLECTOR CURREMT I
C
(mA)
BASE-EMMITER VOLTAGE V
BE (mV)
I
C
——
V
BE
COMMON EMITTER
V
CE=-10V
Static Characteristic
COMMON EMITTER
T
a=25
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
-0.5
-2.2
-1300
REVERSE VOLTAGE V (V)
-35
C
ob
/C
ib
——
V
CB
/V
EB
f=1MHz
I
E=0/IC=0
T
a=25
C
ob
C
ib
-6.0mA
-5.4mA
-4.8mA
-4.2mA
-3.6muA
-3.0mA
-1.2mA
-1.8mA
-2.4mA
I
B=-0.6mA
500
COMMON EMITTER
VCE=-10V
T
a=25
COLLECTOR CURRENT I
C
(mA)
V
CE= -5V
V
CE= -10V
100
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= -10V/-5V
I
C
h
FE
——
Typical Characteristics
www.cj-elec.com
3
E,Aug,2017




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl