Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2SA684 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part No. 2SA684
Description  TO-92L Plastic-Encapsulate Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Homepage  http://www.cj-elec.com/index.asp
Logo 

   
 2 page
background image
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
www.cj-elec.com
2
E,Aug,2017
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-10uA, IE=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-2mA, IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-20V, IE=0
-0.1
μA
hFE(1)
VCE=-10V, IC=-500mA
85
340
DC current gain
hFE(2)
VCE=-5V, IC=-1A
50
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA, IB=-50mA
-0.2
-0.4
V
Base-emitter saturation voltage
VBE(sat)
IC=-500mA, IB=-50mA
-0.85
-1.2
V
Transition frequency
fT
VCE=-10V, IE=50mA, f=200MHz
200
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
20
30
pF
CLASSIFICATION OF
hFE(1)
Rank
Q
R
S
Range
85-170
120-240
170-340




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl