Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2SA554 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part No. 2SA554
Description  SOT-89-3L Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Homepage  http://www.cj-elec.com/index.asp
Logo 

   
 2 page
background image
-0.1
-1
-10
-100
-1000
-300
-400
-500
-600
-700
-800
-900
-1000
-1100
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-0.1
-1
-10
-100
-1000
-0.1
-1
-10
10
100
-10
-100
-1000
10
100
1000
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
-0
-1
-2
-3
-4
-5
-0.0
-0.2
-0.4
-10
-100
-1000
-100
-30
-2000
-500
800
300
200
-2000
-2000
COLLECTOR CURRENT
I
C
(mA)
T
a
=25℃
T
a
=100℃
β=20
I
C
V
BEsat
——
V
CE
=-3V
T
a
=25℃
T
a
=100
oC
BASE-EMITTER VOLTAGE
V
BE
(V)
V
BE
——
I
C
-20
-2000
f=1MHz
I
E
=0 / I
C
=0
T
a
=25
oC
Cob
Cib
V
CB
/ V
EB
C
ob
/ C
ib
——
REVERSE VOLTAGE
V
(V)
COLLECTOR CURRENT
I
C
(mA)
T
a
=25
oC
T
a
=100
oC
V
CE
=-3V
I
C
h
FE
——
AMBIENT TEMPERATURE
Ta
(
)
P
c
——
T
a
COMMON
EMITTER
T
a
=25℃
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
-0.4mA
-0.6mA
-0.8mA
-1.8mA
-1.6mA
-1.0mA
-.2.0mA
-1.4mA
-1.2mA
I
B
=-0.2mA
Static Characteristic
β=20
T
a
=100℃
T
a
=25℃
COLLECTOR CURRENT
I
C
(mA)
V
CEsat
——
I
C
Typical Characteristics
www.cj-elec.com
2
www.cj-elec.com
A-2,Dec,2016




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl