Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2SA554 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part No. 2SA554
Description  SOT-89-3L Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Homepage  http://www.cj-elec.com/index.asp
Logo 

   
 1 page
background image
SOT-89-3L
1. BASE
2. COLLECTOR
3. EMITTER
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-89-3L Plastic-Encapsulate Transistors
2SA554
TRANSISTOR (PNP)
FEATURES
Low Saturation Voltage
High Speed Switching
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= -0.1mA,IE=0
-
100
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA,IB=0
-
100
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-0.1mA,IC=0
-
6
V
Collector cut-off current
ICBO
VCB=-
100V,IE=0
-1
uA
Emitter cut-off current
IEBO
VEB=-
4V,IC=0
-1
uA
VCE=-
3V, IC=-100mA
120
2
70
DC current gain
hFE
Collector-emitter saturation voltage
VCE(sat)
IC=-1A,IB=-50mA
-0.
3
V
Collector output capacitance
Cob
VCB=-10V,IE=0, f=1MHz
32
pF
Transition frequency
fT
VCE=-
5V,IC= -0.1A
MHz
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-100
V
VCEO
Collector-Emitter Voltage
-
100
V
VEBO
Emitter-Base Voltage
-
6
V
IC
Collector Current
-
2
A
PC
Collector Power Dissipation
500
mW
RθJA
Thermal Resistance From Junction To Ambient
250
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
www.cj-elec.com
1
A-2,Dec,2016
IC=-
0.5A,IB=-25mA
-0.
2
V
30
MARKING: A554




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl