Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


GPTS7224 Datasheet(PDF) 2 Page - Green Power Solutions srl

Part No. GPTS7224
Description  PHASE CONTROLLED SCR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GPSEMI [Green Power Solutions srl]
Homepage  http://www.gpsemi.it
Logo 

   
 2 page
background image
PHASE CONTROLLED SCR
GPTS7224
Ordering information GPTS7224-VVGL
VV: blocking voltage / 100 (e.g. 75 for 7500 V)
G: trigger lead type (S = straight T = twisted blank = no leads)
L: trigger lead lenght x 100mm (3 - 4 - 5 - 7 blank = no leads)
Document GPTS7224T002
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
0
1
2
3
4
V
T [V]
On-state voltage drop
T
j=Tjmax
0
500
1000
1500
2000
2500
3000
3500
4000
1
1.5
2
2.5
3
V
T [V]
On-state voltage drop
T
j=Tjmax
0
5
10
15
20
25
30
35
40
1
10
100
Number of cycle current pulses [n]
Maximum surge current
d.s. cooled
0
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0.001
0.01
0.1
1
10
100
Time [s]
Thermal impedance (j-c)
50
60
70
80
90
100
110
120
130
0
400
800
1200
1600
2000
2400
I
T [A]
Current rating - sine wave
180
°
90
°
120
°
60
°
30
°
0
1000
2000
3000
4000
5000
6000
7000
8000
0
400
800
1200
1600
2000
2400
I
T[A]
Power loss - sine wave
180
°
120
°
90
°
60
°
30
°
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.
dimensions mm




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl