Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPTR6268 Datasheet(PDF) 2 Page - Green Power Solutions srl

Part # GPTR6268
Description  PHASE CONTROLLED SCR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GPTR6268 Datasheet(HTML) 2 Page - Green Power Solutions srl

  GPTR6268 Datasheet HTML 1Page - Green Power Solutions srl GPTR6268 Datasheet HTML 2Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PHASE CONTROLLED SCR
GPTR6268
Ordering information GPTR6268-VVGL
VV: blocking voltage / 100 (e.g. 52 for 5200 V)
G: trigger lead type (S = straight T = twisted blank = no leads)
L: trigger lead lenght x 100mm (3 - 4 - 5 - 7 blank = no leads)
Document GPTR6268T002
0
1000
2000
3000
4000
5000
6000
0
0.5
1
1.5
2
2.5
V
T [V]
On-state voltage drop
T
j=Tjmax
0
400
800
1200
1600
2000
2400
2800
0.8
1
1.2
1.4
1.6
1.8
2
V
T [V]
On-state voltage drop
T
j=Tjmax
0
10
20
30
40
50
60
1
10
100
Number of cycle current pulses [n]
Maximum surge current
d.s. cooled
0
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0.01
0.001
0.01
0.1
1
10
100
Time [s]
Thermal impedance (j-c)
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.
50
60
70
80
90
100
110
120
130
0
400
800
1200 1600 2000 2400 2800
I
T [A]
Current rating - sine wave
180
°
90
°
120
°
60
°
30
°
0
1000
2000
3000
4000
5000
6000
7000
0
400
800
1200 1600 2000 2400 2800
I
T[A]
Power loss - sine wave
180
°
120
°
90
°
60
°
30
°
dimensions mm


Similar Part No. - GPTR6268

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GPTR6243 GPSEMI-GPTR6243 Datasheet
296Kb / 2P
   PHASE CONTROLLED SCR
More results

Similar Description - GPTR6268

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GPTR3190 ETC2-GPTR3190 Datasheet
122Kb / 2P
   PHASE CONTROLLED SCR
logo
Green Power Solutions s...
GPTG2072 GPSEMI-GPTG2072_17 Datasheet
314Kb / 2P
   PHASE CONTROLLED SCR
GPTR4260 GPSEMI-GPTR4260 Datasheet
294Kb / 2P
   PHASE CONTROLLED SCR
GPTS7224 GPSEMI-GPTS7224 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
GPTP2165 GPSEMI-GPTP2165_17 Datasheet
487Kb / 2P
   PHASE CONTROLLED SCR
GPTR1545 GPSEMI-GPTR1545 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
GPTS3612 GPSEMI-GPTS3612 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
GPTS4510 GPSEMI-GPTS4510 Datasheet
300Kb / 2P
   PHASE CONTROLLED SCR
GPTR4154 GPSEMI-GPTR4154 Datasheet
116Kb / 2P
   PHASE CONTROLLED SCR
GPTG2072 GPSEMI-GPTG2072 Datasheet
159Kb / 2P
   PHASE CONTROLLED SCR
GPTN5061 GPSEMI-GPTN5061 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com