Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT381T-42700KABNBXXZL Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACT381T-42700KABNBXXZL
Description  TCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT381T-42700KABNBXXZL Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACT381T-42700KABNBXXZL Datasheet HTML 1Page - Advanced Crystal Technology ACT381T-42700KABNBXXZL Datasheet HTML 2Page - Advanced Crystal Technology ACT381T-42700KABNBXXZL Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel
0044(0)118 979 1238
Fax:
0044(0)118 979 1283
email:
info@act crystals.com
ACT381T-4, ACT381T-6 CSW TCXO/VCTCXO
TCXO PART NUMBERING
F
B
D
N
B
B
X
Z
-PF
381T-4
±5
3.3
None
3
Pos
ppm VDC
°C
CSW
%
RoHS
381T-4
T15
Stability
TOP °C
381T-6
T16
v TOP
0 ~ 50
D
Polarity
381T-6
±ppm
-10 ~60
F
None
X
No trimmer
5
F
-20 ~ 70
B
3.5
K
-30 ~ 75
W
3
L
-30 ~ 85
G
Commodity Code
2.5
M
854370 90 80
2
N
1.5
O
Standard
Duty
Cycle
VCC VDC
Frequency
% / %
3.3
B
tuning
Z
5
A
None
N
Int pot
I
Output
CSW
B
Tape & Reel
Mechanical
C
Tuning ±ppm
L
3
B
None
X
Example
T15 - 2700FBDNBBXZC-PF
27.00MHz
Issue No.
Date:
ISO9001 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY
11 D2p
07/10/2013
1K Reel
Not spec
T19
Not spec
T15
2700
C
27.00MHz
0 ~ 50
1K
Loose
Frequency:
Please enquire if the frequency/stability
combination has been developed.
For part numbering use the first 4 characters of
the frequency in Hz i.e. 27MHz = 27000000Hz
so the code used in the part number is 2700. If
the frequency is 100MHz or higher then the first
5 characters are used.
Table 1
Temp °C
±1.5
±2.0
±2.5
±3.0
±3.5
±5.0
0~50
-10+60
-20+70
-30+75
-30+85
Stability (ppm)


Similar Part No. - ACT381T-42700KABNBXXZL

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT381T-4 ACT-ACT381T-4 Datasheet
87Kb / 1P
   a range of four and six pad TCXOs and VCTCXOs
15/11/05
ACT381T-4 ACT-ACT381T-4 Datasheet
92Kb / 1P
   ange of four and six pad TCXOs and VCTCXOs
15/11/05
More results

Similar Description - ACT381T-42700KABNBXXZL

ManufacturerPart #DatasheetDescription
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
logo
Kyocera Kinseki Corpota...
TCXO-201CA KSS-TCXO-201CA Datasheet
124Kb / 1P
   TCXO, VC-TCXO
TCXO-204C2 KSS-TCXO-204C2 Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-205CA KSS-TCXO-205CA Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-208C KSS-TCXO-208C Datasheet
159Kb / 1P
   TCXO, VC-TCXO
logo
ECS, Inc.
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
   HCMOS TCXO/VC-TCXO
ECS-TXO-5032 ECS-ECS-TXO-5032 Datasheet
135Kb / 1P
   HCMOS TCXO/VC-TCXO
logo
Advanced Crystal Techno...
SMPT-6 ACT-SMPT-6 Datasheet
741Kb / 3P
   TCXO
08/10/2013
logo
IQD Frequency Products ...
LFTCXO075801 IQD-LFTCXO075801 Datasheet
145Kb / 2P
   TCXO
LFTCXO063715 IQD-LFTCXO063715 Datasheet
491Kb / 2P
   TCXO
logo
Vectron International, ...
TX-7040-EAE-2872-12M8 VECTRON-TX-7040-EAE-2872-12M8 Datasheet
143Kb / 5P
   TCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com