Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


GPTP3180_17 Datasheet(PDF) 1 Page - Green Power Solutions srl

Part No. GPTP3180_17
Description  PHASE CONTROLLED SCR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GPSEMI [Green Power Solutions srl]
Homepage  http://www.gpsemi.it
Logo 

   
 1 page
background image
Phone: +39-011-988 2251
Fax:
+39-011-988 1358
http://gpsemi.it/pdf/GPTP3180.pdf
GPTP3180
PHASE CONTROLLED SCR
High reliability operation
DC power supply
AC drives
VOLTAGE UP TO
2200 V
AVERAGE CURRENT
1800 A
SURGE CURRENT
36 kA
BLOCKING CHARACTERISTICS
Characteristic
Conditions
VRRM
Repetitive peak reverse voltage
2200
V
VRSM
Non-repetitive peak reverse voltage
2200
V
VDRM
Repetitive peak off-state voltage
2300
V
IDRM
Repetitive peak off-state current, max.
VDRM, single phase, half wave, Tj = Tjmax
75
mA
IRRM
Repetitive peak reverse current, max.
VRRM, single phase, half wave, Tj = Tjmax
75
mA
ON-STATE CHARACTERISTICS
IT(AV)
Average on-state current
Sine wave,180° conduction, Th = 55 °C
1800
A
IT(RMS)
R:M:S on-state current
Sine wave,180° conduction, Th = 55 °C
2826
A
ITSM
Surge on-state current
Non rep. half sine wave, 50 Hz, VR = 0 V, Tj = Tjmax
36
kA
I²t
I² t for fusing coordination
6480
kA²s
VT(TO)
Threshold voltage
Tj = Tjmax
0.992
V
rT
On-state slope resistance
Tj = Tjmax
0.206
m
W
VTM
Peak on-state voltage, max
On-state current IT = 2000 A , Tj = Tjmax
1.40
V
IH
Holding current, typ
Tj = 25 °C
300
mA
IL
Latching current, typ
Tj = 25 °C
700
mA
TRIGGERING CHARACTERISTICS
VGT
Gate trigger voltage
Tj = 25 °C, VD = 5 V
3.0
V
IGT
Gate trigger current
Tj = 25 °C, VD = 5 V
250
mA
VGD
Non-trigger voltage
VD = 67% VRRM, Tj = Tjmax
0.25
V
PGM
Peak gate power dissipation
Pulse width 100 µs
150
W
PG(AV)
Average gate power dissipation
2
W
IFGM
Peak gate current
10
A
VFGM
Peak gate voltage (forward)
10
V
VRGM
Peak gate voltage (reverse)
12
V
SWITCHING CHARACTERISTICS
di/dt
Critical rate of rise of on-state current
Tj = Tjmax
200
A/µs
dV/dt
Critical rate of rise of off-state voltage
Tj = Tjmax
1000
V/µs
tq
Turn-off time, typ
Tj = Tjmax, IT = 1000 A, di/dt = -20 A/µs
µs
VR = 50 V, VD = 67% VDRM, dV/dt = 20 V/µs
THERMAL AND MECHANICAL CHARACTERISTICS
Rth(j-c)
Thermal resistance (junction to case)
Double side cooled
0.015
°C/W
Rth(c-h)
Thermal resistance (case to heatsink)
Double side cooled
0.006
°C/W
Tjmax
Max operating junction temperature
125
°C
Tstg
Storage temperature
-40 / 125
°C
F
Clamping force ± 10%
22
kN
Mass
520
g
Document GPTP3180T003
Value
Green Power Solutions Srl
Web: www.gpsemi.it e-mail: info@gpsemi.it




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl