Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


GPDR5424 Datasheet(PDF) 1 Page - Green Power Solutions srl

Part No. GPDR5424
Description  RECTIFIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GPSEMI [Green Power Solutions srl]
Homepage  http://www.gpsemi.it
Logo 

   
 1 page
background image
Phone: +39-011-988 2251
Fax:
+39-011-988 1358
http://gpsemi.it/pdf/GPDR5424.pdf
GPDR5424
RECTIFIER DIODE
VOLTAGE UP TO
4400 V
AVERAGE CURRENT
4245 A
SURGE CURRENT
52 kA
BLOCKING CHARACTERISTICS
Characteristic
Conditions
VRRM
Repetitive peak reverse voltage
4400
V
VRSM
Non-repetitive peak reverse voltage
4500
V
IRRM
Repetitive peak reverse current, max.
VRRM, single phase, half wave, Tj = Tjmax
200
mA
FORWARD CHARACTERISTICS
IF(AV)
Average forward current
Sine wave,180° conduction, Th = 55°C
4245
A
IF(RMS)
R.M.S. forward current
Sine wave,180° conduction, Th = 55°C
6668
A
IFSM
Surge forward current
Non rep. half sine wave, 50 Hz, VR = 0 V, Tj = Tjmax
52
kA
I²t
I² t for fusing coordination
13520
kA²s
VF(TO)
Threshold voltage
Tj = Tjmax
0.788
V
rF
Forward slope resistance
Tj = Tjmax
0.150
m
W
VFM
Peak forward voltage, max
Forward current IF = 5000 A, Tj = Tjmax
1.54
V
SWITCHING CHARACTERISTICS
Qrr
Rverse recovery charge, typ
Tj = Tjmax, IF = 2000 A, di/dt = -5 A/µs
µC
Irr
Reverse recovery current
VR = 100 V
A
trr
Reverse recovery time
µs
VFP
Forward recovery voltage
Tj = Tjmax, di/dt =
A/µs
V
THERMAL AND MECHANICAL CHARACTERISTICS
Rth(j-c)
Thermal resistance (junction to case)
Double side cooled
0.008
°C/W
Rth(c-h)
Thermal resistance (case to heatsink)
Double side cooled
0.002
°C/W
Tjmax
Max operating junction temperature
150
°C
Tstg
Storage temperature
-40 / 150
°C
F
Clamping force ± 10%
50
kN
Mass
1200
g
Document GPDR5424T002
Value
Green Power Solutions Srl
Web: www.gpsemi.it e-mail: info@gpsemi.it




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl