Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRPUG1ESXC000E2G Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # TRPUG1ESXC000E2G
Description  Gigabit Ethernet 850nm Multimode SFP Transceivers With Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPUG1ESXC000E2G Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  TRPUG1ESXC000E2G Datasheet HTML 1Page - OPLINK Communications Inc. TRPUG1ESXC000E2G Datasheet HTML 2Page - OPLINK Communications Inc. TRPUG1ESXC000E2G Datasheet HTML 3Page - OPLINK Communications Inc. TRPUG1ESXC000E2G Datasheet HTML 4Page - OPLINK Communications Inc. TRPUG1ESXC000E2G Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Oplink Communications, LLC
2
TRMUG1ESXx000E2G
Oplink Communications, LLC.
Transmitter Performance Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Units
B
P
O
C
ER
RMS
RIN
DJ
T J
CPR
Receiver Performance Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Units
B
Pmin
Pmax
Plos+
Plos-
-
ORL
D J
T J
-
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)


Similar Part No. - TRPUG1ESXC000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPUG1CLXC000E2G OPLINK-TRPUG1CLXC000E2G Datasheet
675Kb / 6P
   Multi-Rate Gigabit Ethernet & Fiber Channel SFP Transceivers
TRPUG1CLXC000E2G OPLINK-TRPUG1CLXC000E2G Datasheet
412Kb / 6P
   Multi-Rate Gigabit Ethernet & Fiber Channel SFP Transceivers with Digital Diagnostics
TRPUG1CLXE000E2G OPLINK-TRPUG1CLXE000E2G Datasheet
675Kb / 6P
   Multi-Rate Gigabit Ethernet & Fiber Channel SFP Transceivers
TRPUG1CLXI000E2G OPLINK-TRPUG1CLXI000E2G Datasheet
675Kb / 6P
   Multi-Rate Gigabit Ethernet & Fiber Channel SFP Transceivers
TRPUG1CLXX000E2G OPLINK-TRPUG1CLXX000E2G Datasheet
675Kb / 6P
   Multi-Rate Gigabit Ethernet & Fiber Channel SFP Transceivers
More results

Similar Description - TRPUG1ESXC000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRP1G10V1C00000G OPLINK-TRP1G10V1C00000G Datasheet
532Kb / 5P
   Gigabit Ethernet SFP Multimode Transceivers with Digital Diagnostics
TRPAG1SXLAES OPLINK-TRPAG1SXLAES Datasheet
464Kb / 5P
   Gigabit Ethernet SFP Multimode Transceiver with Digital Diagnostics
TRPEG1KVXC000E1 OPLINK-TRPEG1KVXC000E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRXAG1VXIBMS OPLINK-TRXAG1VXIBMS Datasheet
129Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRPAG1VXI OPLINK-TRPAG1VXI Datasheet
457Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRPAG1LXDBBM OPLINK-TRPAG1LXDBBM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPEG1EEXC000E2G OPLINK-TRPEG1EEXC000E2G Datasheet
348Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRB2G1CB1C00000 OPLINK-TRB2G1CB1C00000 Datasheet
535Kb / 5P
   Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRPAG1YXHBAM1 OPLINK-TRPAG1YXHBAM1 Datasheet
539Kb / 5P
   Multi-rate Gigabit Ethernet & FibreChannel SFP CWDM Transceivers with Digital Diagnostics
TRPUG1CLXC000E2G OPLINK-TRPUG1CLXC000E2G Datasheet
412Kb / 6P
   Multi-Rate Gigabit Ethernet & Fiber Channel SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com