Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TRPRG1VA1C000E2G Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part No. TRPRG1VA1C000E2G
Description  1000BASE-T and 10/100/1000BASE-T Copper SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPLINK [OPLINK Communications Inc.]
Homepage  http://www.oplink.com
Logo 

   
 3 page
background image
46335 Landing Pkwy Fremont CA 94538-6407 Tel: 510-933-7200 Fax: 510-933-7300 Email: info@oplink.com Web: www.oplink.com
Page 3 of 6
S0306. Rev.01. 2011-12-06
TRPRG1-G 1.25G Ethernet
1000BASE-T and 10/100/1000BASE-T Copper SFP Transceiver
General specifications
Parameter
Symbol
Min
Typ
Max
Units
Operating Data Rate
1.2.
B
10
-
1000
Mb/s
Cable Length
3
L
-
-
100
m
1Clock tolerance is +/- 50 ppm.
2Automatic cross over detection is enabled. External crossover cable is not required.
3Category 5 UTP. BER<10-12.
+3.3V Volt Electrical Power Interface
Parameter
Symbol
Min
Typ
Max
Units
Notes/Conditions
Supply Voltage
VCC
3.13
3.3
3.47
V
Referenced to GND
Supply Current
Icc
-
320
375
mA
-
Maximum Voltage
Vmax
-
-
4
V
-
High-speed electrical interface, transmission line-SFP
Parameter
Symbol
Min
Typ
Max
Units
Notes/Conditions
Line Frequency
fL
-
125
-
MHz
5-level encoding, per IEEE 802.3
Tx Output Impedance
Zout,TX
-
100
-
Ohm
Differential, for all Frequencies
between 1MHz and 125MHz
Rx Input Impedance
Zin,RX
-
100
-
Ohm
Differential, for all Frequencies
between 1MHz and 125MHz
High-speed electrical interface, host-SFP
Parameter
Symbol
Min
Typ
Max
Units
Notes/Conditions
Single ended data input swing
Vinsing
250
-
1200
mV
Single ended
Single ended data output swing
Voutsing
350
-
800
mV
Single ended
Rise/Fall Time
Tr,Tf
-
175
-
psec
20%-80%
Tx Input Impedance
Zin
-
50
-
Ohm
Single ended
Rx Output Impedance
Zout
-
50
-
Ohm
Single ended
Low-speed signals, electronic characteristics
Parameter
Symbol
Min
Max
Units
Notes/Conditions
SFP Output LOW
VOL
0
0.5
V
4.7k to 10k pull-up to host_Vcc,
measured at host side of connector
SFP Output HIGH
VOH
host_Vcc-0.5
host_Vcc +
0.3
V
4.7k to 10k pull-up to host_Vcc,
measured at host side of connector
SFP Input LOW
VIL
0
0.8
V
4.7k to 10k pull-up to Vcc,
measured at SFP side of connector
SFP Input HIGH
VIH
2
Vcc + 0.3
V
4.7k to 10k pull-up to Vcc,
measured at SFP side of connector




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl