Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TRPRG1VA1C000E2G Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part No. TRPRG1VA1C000E2G
Description  1000BASE-T and 10/100/1000BASE-T Copper SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPLINK [OPLINK Communications Inc.]
Homepage  http://www.oplink.com
Logo 

   
 2 page
background image
46335 Landing Pkwy Fremont CA 94538-6407 Tel: 510-933-7200 Fax: 510-933-7300 Email: info@oplink.com Web: www.oplink.com
Page 2 of 6
S0306. Rev.01. 2011-12-06
TRPRG1-G 1.25G Ethernet
1000BASE-T and 10/100/1000BASE-T Copper SFP Transceiver
Features
Up to 1.25Gb/s bi-directional data links
Lead Free Design & Compliant with RoHS Directive 2002/95/EC
Compatible with SFP MSA
Compatible with IEEE 802.3-2002 and IEEE 802.3ab Gigabit Ethernet and 1000BASE-T Specifications
Hot-pluggable SFP footprint
TX Disable and RX Los/without Los function
Fully metallic enclosure for low EMI
Low power dissipation (1.05W typical)
Compact RJ-45 connector assembly
Access to physical layer IC via 2-wire serial bus
1000 BASE-T operation in host systems with SERDES interface
10/100/1000Mbps compliant in host systems with SGMII interface
Operating case temperature range of 0°C to +70°C (Commercial) or -40°C to +85°C (Industrial)
Description
TRPRG1-G Copper Small Form Pluggable (SFP)
transceivers is high performance, cost effective module
compliant with the Gigabit Ethernet and 1000BASE-T
standards as specified in IEEE 802.3-2002 and IEEE
802.3ab, which supports 1000Mbps data-rate up to 100
meters reach over unshielded twisted-pair category 5
cable. The module supports 1000Mbps full duplex data-
links with 5-level Pulse Amplitude Modulation (PAM)
signals. All four pairs in the cable are used with symbol
rate at 250Mbps on each pair. The module provides
standard serial ID information compliant with SFP MSA,
which can be accessed with address of A0h via the 2wire
serial CMOS EEPROM protocol. The physical IC can also
be accessed via 2-wire serial bus at address ACh.
All modules satisfy Class I Laser Safety requirements in
accordance with the U.S. FDA/CDRH and international
IEC-60825 standards.
The transceivers operate from a single +3.3V power
supply over an operating case temperature range of 0°C
to +70°C (Commercial) or -40°C to +85°C (Industrial). The
housing is made of metal for EMI immunity.
Absolute Maximum Ratings
Parameters
Symbol
Min
Max
Units
Storage Temperature
TST
- 40
+ 85
°C
Operating Case Temperature
1
Commercial
TOP
0
+ 70
°C
Industrial
- 40
+ 85
1Measured on top side of SFP module at the front center vent hole of the cage.




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl