Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


RR1VWM6STF Datasheet(PDF) 1 Page - Rohm

Part No. RR1VWM6STF
Description  Rectifier Diode
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

   
 1 page
background image
Data Sheet
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Rectifier Diode
RR1VWM6STF
l
Series
l
Dimensions (Unit : mm)
l
Land Size Figure (Unit : mm)
Standard Rectifier
l
Applications
General rectification
l
Features
1) Low forward voltage
l
Structure
2)
3) Small mold type
(PMDE)
l
Taping Dimensions (Unit : mm)
l
Construction
Silicon diffused junction type
l
Absolute Maximum Ratings (T
l= 25°C)
Repetitive peak reverse voltage
VRM
V
Reverse voltage
VR
V
Junction temperature
Tj
°C
Storage temperature
Tstg
°C
l
Electrical Characteristics (T
j= 25°C)
Symbol
Min.
Typ. Max.
Unit
VF
0.9
1.08
1.2
V
Reverse current
IR
-
-
10
mA
Thermal resistance
Rth(j-l)
-
-
30
°C/W
High current overload capacity
1
600
175
-55 to +175
Symbol
Limits
Junction to lead
Direct voltage
IF=1A
Conditions
Non-repetitive at Tj=25ºC
-
-
VR=600V
Tl=125°C
Unit
600
Parameter
Conditions
Duty≦0.5
Forward voltage
Parameter
A
IFSM
Non-repetitive forward surge current
60Hz half sin wave,
15
A
Average current
Io
On glass epoxy substrate,
60Hz half sin wave , Resistive load
PMDE
Anode
Cathode
ROHM : PMDE
dot (year week factory) + day
1.1
0.8
1/4
2016.07 - Rev.A
AEC-Q101 Qualified




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl