Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


RR1LAM6STF Datasheet(PDF) 1 Page - Rohm

Part No. RR1LAM6STF
Description  Rectifying Diode
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

   
 1 page
background image
Datasheet
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Rectifying Diode
RR1LAM6STF
AEC-Q101 Qualified
Series
Dimensions (Unit : mm)
Land Size Figure (Unit : mm)
Standard Rectifier
Applications
General rectification
Features
Structure
1) Low forward voltage
2) High current overload capacity
Taping Dimensions (Unit : mm)
Construction
Silicon diffused junction type
Absolute Maximum Ratings (T
a= 25°C)
Repetitive peak reverse voltage
VRM
V
Reverse voltage
VR
V
Junction temperature
Tj
°C
Storage temperature
Tstg
°C
Electrical Characteristics (T
j= 25°C)
Symbol
Min.
Typ. Max.
Unit
VF
0.8
0.93
1.1
V
Reverse current
IR
--
10
A
Thermal resistance
Rth(j-l)
--
25
°C/W
Forward voltage
Parameter
A
IFSM
Non-repetitive forward surge current
60Hz half sin wave,
30
A
Average forward rectified current
Io
Symbol
Limits
Unit
750
Parameter
Conditions
Duty≦0.5
600
150
55 to 150
Junction to lead
Direct reverse voltage
IF=1A
Conditions
non-repetitive at Tj=25ºC
-
-
VR=600V
1
Glass epoxy board mounted,
60Hz half sin wave, resistive load
PMDTM
Anode
Cathode
ROHM : PMDTM
JEDEC : SOD-128
: Manufacture Date
0.95±0.10
0.17±
0.10
0.05
2.50±0.20
1.50±0.20
(1)
(2)
2.0
1/4
2017.04 - Rev.B




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl