Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


RR1LAM6STF Datasheet(PDF) 3 Page - Rohm

Part No. RR1LAM6STF
Description  Rectifying Diode
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

   
 3 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Datasheet
RR1LAM6STF
Electrical Characteristic Curves
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
25
50
75
100
125
150
D = 0.1
D = 0.2
half sin wave
D = 0.5
D.C.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
25
50
75
100
125
150
D = 0.1
D = 0.2
D = 0.5
D.C.
half sin wave
1
10
100
1000
110
100
T
j = 25°C
I
FSM
time
T
T
j=150°C
D=t/T
t
V
R
Io
V
R=VRmax
0A
0V
T
T
j=150°C
D=t/T
t
V
R
Io
V
R=VRmax
0A
0V
TIME : t(ms)
I
FSM-t CHARACTERISTICS
TIME : t(s)
R
th-t CHARACTERISTICS
AMBIENT TEMPERATURE : T
a(°C)
DERATING CURVE (I
o-Ta)
LEAD TEMPERATURE : T
l(°C)
DERATING CURVE (I
o-Tl)
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
R
th(j-a)
R
th(j-l)
20mm x 20mm x 0.8mm glass epoxy(FR-4)
Both side is all covered with copper
(35um thickness)
3/4
2017.04 - Rev.B




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl