Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


RR1LAM6STF Datasheet(PDF) 2 Page - Rohm

Part No. RR1LAM6STF
Description  Rectifying Diode
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

   
 2 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Datasheet
RR1LAM6STF
Electrical Characteristic Curves
0.001
0.01
0.1
1
10
0
200 400 600 800 1000 1200 1400 1600
T
j = 75°C
T
j = 25°C
T
j = 125°C
T
j = 150°C
T
j = 40°C
1
10
100
0
5
10
15
20
25
30
f = 1MHz
T
a = 25°C
1
10
100
1000
110
100
T
j = 25°C
per diode
T
j = 25°C
per diode
T
j = 25°C
FORWARD VOLTAGE : V
F(mV)
V
F-IF CHARACTERISTICS
REVERSE VOLTAGE : V
R(V)
V
R-IR CHARACTERISTICS
REVERSE VOLTAGE : V
R(V)
V
R-Ct CHARACTERISTICS
NUMBER OF CYCLES
I
FSM-CYCLE CHARACTERISTICS
1cyc.
8.3ms
I
FSM
8.3ms
0.1
1
10
100
1000
10000
100000
0
100 200 300 400 500 600 700 800
T
j = 25°C
T
j = 150°C
T
j = 75°C
T
j = 125°C
T
j = 40°C
2/4
2017.04 - Rev.B




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl