Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TPP5XGFLRC000E2A Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part No. TPP5XGFLRC000E2A
Description  1310nm 10km SFP Transceivers
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPLINK [OPLINK Communications Inc.]
Homepage  http://www.oplink.com
Logo 

   
 2 page
background image
TPP5XGFLRx000E2A
Oplink Communications, LLC
S0514 Rev.01. (web) 2016-01-08
2
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Receiver Performance Characteristics
Transmitter Performance Characteristics (Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Laser Safety:
All transceivers are Class 1 Laser products per FDA/CDRH
and IEC-60825 standards. They must be operated under
specified operating conditions.
Oplink Communications, LLC.
DATE OF MANUFACTURE:
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class 1 Laser Safety Requirements
Note: The specified characteristics are met within the recommended range of operation. Unless otherwise noted typical data are quoted at nominal voltage and
+25°C ambient temperature.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Data Rate
B
-
10.3125
-
Gb/s
Center Wavelength
λ
C
1260
1310
1355
nm
Spectral Width
Δλ20
-
-
1.0
nm
Average Optical Output Power 1
PAvg
- 8.2
-
+ 0.5
dBm
Optical Modulation Amplitude
POMA
- 5.2
-
-
dBm
Extinction Ratio
ER
3.5
-
-
dB
Relative Intensity Noise
RIN
-
-
- 128
dB/Hz
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Optical Return Loss Tolerance
-
-
-
- 12
dB
Transmitter and Dispersion Penalty @ 10.3125Gb/s
TDP
-
-
3.2
dB
Average Launch Power of OFF transmitter
P OFF
-
-
- 30
dB
Optical Output Eye
Compliant with IEEE 802.3ae
1
Average power figures are informative only, per IEEE 802.3ae
Parameter
Symbol
Minimum
Typical
Maximum
Units
Data Rate
B
-
10.3125
-
Gb/s
Wavelength of Operation
λ
1260
-
1355
nm
Receiver Sensitivity
Pavg @ 10.3125 Gb/s 1
Pmin
-
-
- 14.4
dBm
OMA @ 10.3125 Gb/s 1
-
-
- 12.6
Stressed Receiver Sensitivity in OMA
(@ 10.3125Gb/s) 2
-
-
-
- 10.3
dBm
Maximum Input Power
Pmax
+ 0.5
-
-
dBm
Receiver Reflectance
-
-
-
- 12
dB
LOS Hysteresis
-
0.5
-
-
dB
LOS Thresholds
Increasing Light Input
Plos+
- 30
-
-
dBm
Decreasing Light Input
Plos-
-
-
- 16
1
Specified with BER <1x10-12 and PRBS 2 31-1.
2
Comply with IEEE 802.3ae




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl