Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TPP5XGFLRC000E2A Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part No. TPP5XGFLRC000E2A
Description  1310nm 10km SFP Transceivers
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPLINK [OPLINK Communications Inc.]
Homepage  http://www.oplink.com
Logo 

   
 1 page
background image
S0514 Rev.01. (web) 2016-01-08
Absolute Maximum Ratings
The TPP5XGFLRx000E2A is an enhanced small form factor pluggable (SFP+)
fiber optic transceiver with digital diagnostics monitoring functionality
(DDM). Compliance with Ethernet standard makes it ideally suited for
10Gbps data-com applications. DDM functionality (alarm and warning
features) is integrated into the design via an I2C serial interface per the Multi-
Source Agreement (MSA) SFF-8472, Rev. 10.4.
The transceiver supports data rates from 11.3Gbps down to 8Gbps. It
provides an excellent solution for data transmission at 1310nm over up to
10km single mode fiber. The sub-watt power consumption and excellent
EMI performance allow system design with high port density. The product
is RoHS compliant and is designed and tested in accordance with industry
safety standards. The transceiver is Class 1 Laser product per U.S. FDA/CDRH
and international IEC-60825 standards.
The TPP5XGFLRx000E2A transceiver connects to standard 20-pad SFP+
connectors for hot plug capability. This allows the system designer to make
configuration changes or maintenance by simply plugging in different
transceivers without removing the power supply from the host system. The
transmitter and receiver DATA interfaces are internally AC-coupled. LV-TTL
Transmitter Disable control input and Loss of Signal (LOS) output interfaces
are also provided.
The transceiver has bail-type latch, which offers an easy and convenient way
to release the modules. The latch is compliant with the SFP MSA.
The transceiver operates from a single +3.3V power supply over a case
operating temperature range of
-5°C to +70°C (Commercial), or -5°C to
+85°C (Extended) or -40°C to +85°C (Industrial). The housing is made of
metal for EMI immunity.
Features
Product Description
Transmission distance up to 10km (SM fiber)
Low power consumption
Wide case operating temperature range
Compliant to SFP+ Electrical MSA SFF-8431
Compliant to SFP+ Mechanical MSA SFF-8432
Compliant to 10GBASE-L specifications
Digital Diagnostics Monitoring (DDM) through
Serial Interface compliant with SFF-8472, Rev.
10.4
RoHS 6/6 Compliant
Laser Class 1 IEC/CDRH Compliant
TPP5XGFLRx000E2A
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature Range
T
ST
- 40
+ 85
°C
Case Operating Temperature 1
“Commercial”
T
OP
- 5
+ 70
°C
“Extended”
“Industrial”
- 5
- 40
+ 85
+ 85
Operating Relative Humidity 2
RH
0
85
%
Supply Voltage Range
V
CC
- 0.5
+ 3.6
V
1
Measured on top side of SFP+ module at the front center vent hole of the cage.
2
Non condensing
1310nm 10km SFP+ Transceivers




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl